Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 37 Page - Analog Devices

Part # ADM1027
Description  dBCOOL-TM Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1027 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADM1027 Datasheet HTML 33Page - Analog Devices ADM1027 Datasheet HTML 34Page - Analog Devices ADM1027 Datasheet HTML 35Page - Analog Devices ADM1027 Datasheet HTML 36Page - Analog Devices ADM1027 Datasheet HTML 37Page - Analog Devices ADM1027 Datasheet HTML 38Page - Analog Devices ADM1027 Datasheet HTML 39Page - Analog Devices ADM1027 Datasheet HTML 40Page - Analog Devices ADM1027 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
REV. A
ADM1027
–37–
Enabling Acoustic Enhancement for Each PWM Output
ENHANCED ACOUSTICS REGISTER 1 (Reg. 0x62)
<3> = 1 enables acoustic enhancement on PWM1 output.
ENHANCED ACOUSTICS REGISTER 2 (Reg. 0x63)
<7> = 1 enables acoustic enhancement on PWM2 output.
<3> = 1 enables acoustic enhancement on PWM3 output.
Effect of Ramp Rate on Enhanced Acoustics Mode
The PWM signal driving the fan will have a period, T, given by
the PWM drive frequency, f, since T = 1/f. For a given PWM
period, T, the PWM period is subdivided into 255 equal time
slots. One time slot corresponds to the smallest possible incre-
ment in PWM duty cycle. A PWM signal of 33% duty cycle will
thus be high for 1/3
255 time slots and low for 2/3
255
time slots. Therefore, 33% PWM duty cycle corresponds to a
signal that is high for 85 time slots and low for 170 time slots.
170
TIME SLOTS
85
TIME SLOTS
PWM OUTPUT
(ONE PERIOD)
= 255 TIME SLOTS
PWM_OUT
33% DUTY
CYCLE
Figure 38. 33% PWM Duty Cycle Represented in Time Slots
The ramp rates in enhanced acoustics mode are selectable
between 1, 2, 3, 5, 8, 12, 24, and 48. The ramp rates are actu-
ally discrete time slots. For example, if the ramp rate = 8, then
eight time slots will be added to the PWM high duty cycle each
time the PWM duty cycle needs to be increased. If the PWM
duty cycle value needs to be decreased, it will be decreased by
eight time slots. Figure 39 shows how the enhanced acoustics
mode algorithm operates.
READ
TEMPERATURE
CALCULATE
NEW PWM
DUTY CYCLE
IS NEW PWM
VALUE >
PREVIOUS
VALUE?
INCREMENT
PREVIOUS
PWM VALUE
BY RAMP
RATE
YES
NO
DECREMENT
PREVIOUS
PWM VALUE
BY RAMP
RATE
Figure 39. Enhanced Acoustics Algorithm
The enhanced acoustics mode algorithm calculates a new PWM
duty cycle based on the temperature measured. If the new
PWM duty cycle value is greater than the previous PWM value,
then the previous PWM duty cycle value is incremented by
either 1, 2, 3, 5, 8, 12, 24, or 48 time slots (depending on the
settings of the enhanced acoustics registers). If the new PWM
duty cycle value is less than the previous PWM value, then the
previous PWM duty cycle is decremented by 1, 2, 3, 5, 8, 12, 24,
or 48 time slots. Each time the PWM duty cycle is incremented
or decremented, it is stored as the previous PWM duty cycle for
the next comparison.
A ramp rate of 1 corresponds to one time slot, which is 1/255 of
the PWM period. In enhanced acoustics mode, incrementing or
decrementing by 1 changes the PWM output by 1/255
100%.
It is important to note that when using the enhanced acoustics
mode, the fan spin-up should be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com