Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 33 Page - Analog Devices

Part # ADM1027
Description  dBCOOL-TM Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1027 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADM1027 Datasheet HTML 29Page - Analog Devices ADM1027 Datasheet HTML 30Page - Analog Devices ADM1027 Datasheet HTML 31Page - Analog Devices ADM1027 Datasheet HTML 32Page - Analog Devices ADM1027 Datasheet HTML 33Page - Analog Devices ADM1027 Datasheet HTML 34Page - Analog Devices ADM1027 Datasheet HTML 35Page - Analog Devices ADM1027 Datasheet HTML 36Page - Analog Devices ADM1027 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
REV. A
ADM1027
–33–
Example: Calculate TMAX, given TMIN = 30
∞C, TRANGE = 40∞C,
and PWMMIN = 33% duty cycle = 85 decimal
TT
MaxD C
MinD C
T
MAX
MIN
RANGE
=+
-
()¥
..
..
170
TC
C
MAX
= ∞ +-
()¥ ∞
30
100
33
40
170
%%
TC
C
MAX
= ∞ +-
()¥ ∞
30
255
85
40
170
TMAX = 70
∞C (effective TRANGE = 40∞C)
Example: Calculate TMAX, given TMIN = 30
∞C, TRANGE = 40∞C,
and PWMMIN = 50% duty cycle = 128 decimal
TT
MaxD C
MinD C
T
MAX
MIN
RANGE
=+
-
()¥
..
..
170
TC
C
MAX
= ∞ +-
()¥ ∞
30
100
50
40
170
%%
TC
C
MAX
= ∞ +-
()¥ ∞
30
255
128
40
170
TMAX = 60
∞C (effective TRANGE = 30∞C)
Selecting a TRANGE Slope
The TRANGE value can be selected for each temperature channel:
Remote 1, Local and Remote 2 Temp. Bits <7:4> (TRANGE)
of Registers 0x5F to 0x61 define the TRANGE value for each
temperature channel.
Bits <7:4>
*
TRANGE (
∞C)
0000
2
0001
2.5
0010
3.33
0011
4
0100
5
0101
6.67
0110
8
0111
10
1000
13.33
1001
16
1010
20
1011
26.67
1100
32 (default)
1101
40
1110
53.33
1111
80
* Register 0x5F configures remote 1 TRANGE.
Register 0x60 configures local TRANGE.
Register 0x61 configures remote 2 TRANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com