Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 45 Page - Analog Devices

Part # ADM1027
Description  dBCOOL-TM Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1027 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADM1027 Datasheet HTML 41Page - Analog Devices ADM1027 Datasheet HTML 42Page - Analog Devices ADM1027 Datasheet HTML 43Page - Analog Devices ADM1027 Datasheet HTML 44Page - Analog Devices ADM1027 Datasheet HTML 45Page - Analog Devices ADM1027 Datasheet HTML 46Page - Analog Devices ADM1027 Datasheet HTML 47Page - Analog Devices ADM1027 Datasheet HTML 48Page - Analog Devices ADM1027 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
REV. A
ADM1027
–45–
Table XII. Register 0x43 – VID Register (Power-On Default = 0x00 )
Bit
Name
R/W
Description
<4:0>
VID[4:0]
Read-Only
The VID[4:0] inputs from the CPU to indicate the expected processor core voltage. On
power-up, these bits reflect the state of the VID pins, even if monitoring is not enabled.
<7:5>
Reserved
Read-Only
Reserved for future use.
Table XIII. Voltage Limit Registers
Register Address
R/W
Description
Power-On Default
0x44
Read/Write
2.5 V Low Limit
0x00
0x45
Read/Write
2.5 V High Limit
0xFF
0x46
Read/Write
VCCP Low Limit
0x00
0x47
Read/Write
VCCP High Limit
0xFF
0x48
Read/Write
VCC Low Limit
0x00
0x49
Read/Write
VCC High Limit
0xFF
0x4A
Read/Write
5 V Low Limit
0x00
0x4B
Read/Write
5 V High Limit
0xFF
0x4C
Read/Write
12 V Low Limit
0x00
0x4D
Read/Write
12 V High Limit
0xFF
Setting the Configuration Register 1 lock bit has no effect on these registers.
High Limits: An interrupt is generated when a value exceeds its high limit ( > comparison).
Low Limits: An interrupt is generated when a value is equal to or below its low limit (
£ comparison).
Table XIV. Temperature Limit Registers
Register Address
R/W
Description
Power-On Default
0x4E
Read/Write
Remote 1 Temperature Low Limit
0x81
0x4F
Read/Write
Remote 1 Temperature High Limit
0x7F
0x50
Read/Write
Local Temperature Low Limit
0x81
0x51
Read/Write
Local Temperature High Limit
0x7F
0x52
Read/Write
Remote 2 Temperature Low Limit
0x81
0x53
Read/Write
Remote 2 Temperature High Limit
0x7F
Exceeding any of these temperature limits by 1
oC will cause the appropriate status bit to be set in the interrupt status register. Setting
the Configuration Register 1 lock bit has no effect on these registers.
High Limits: An interrupt is generated when a value exceeds its high limit ( > comparison).
Low Limits: An interrupt is generated when a value is equal to or below its low limit (
£ comparison).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com