Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 23 Page - Analog Devices

Part # ADM1027
Description  dBCOOL-TM Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1027 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADM1027 Datasheet HTML 19Page - Analog Devices ADM1027 Datasheet HTML 20Page - Analog Devices ADM1027 Datasheet HTML 21Page - Analog Devices ADM1027 Datasheet HTML 22Page - Analog Devices ADM1027 Datasheet HTML 23Page - Analog Devices ADM1027 Datasheet HTML 24Page - Analog Devices ADM1027 Datasheet HTML 25Page - Analog Devices ADM1027 Datasheet HTML 26Page - Analog Devices ADM1027 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
REV. A
ADM1027
–23–
FAN SPEED MEASUREMENTS
TACH Inputs
Pins 11, 12, 9, and 14 are open-drain TACH inputs intended
for fan speed measurement.
Signal conditioning in the ADM1027 accommodates the slow
rise and fall times typical of fan tachometer outputs. The maxi-
mum input signal range is 0 V to 5 V, even where VCC is less
than 5 V. In the event that these inputs are supplied from fan
outputs that exceed 0 V to 5 V, either resistive attenuation of
the fan signal or diode clamping must be included to keep
inputs within an acceptable range.
Figures 25a to 25d show circuits for most common fan TACH
outputs. If the fan TACH output has a resistive pull-up to VCC, it
can be connected directly to the fan input, as shown in Figure 25a.
5V OR 12V
ADM1027
FAN SPEED
COUNTER
TACH X
TACHO
OUTPUT
PULL-UP
4.7k
TYP
VCC
FAN
Figure 25a. Fan With TACH Pull-Up to +VCC
If the fan output has a resistive pull-up to 12 V (or other voltage
greater than 5 V), then the fan output can be clamped with a
Zener diode, as shown in Figure 25b. The Zener diode voltage
should be chosen so that it is greater than VIH of the TACH
input but less than 5 V, allowing for the voltage tolerance of the
Zener. A value of between 3 V and 5 V is suitable.
5V OR 12V
ADM1027
FAN SPEED
COUNTER
TACH X
TACHO
OUTPUT
PULL-UP
4.7k
TYP
VCC
FAN
ZD1*
*CHOOSE ZD1 VOLTAGE APPROX 0.8
VCC
Figure 25b. Fan with TACH Pull-Up to Voltage
> 5 V (e.g., 12 V) Clamped with Zener Diode
If the fan has a strong pull-up (less than 1 k ) to 12 V, or a
totem-pole output, then a series resistor can be added to limit
the Zener current, as shown in Figure 25c. Alternatively, a
resistive attenuator may be used, as shown in Figure 25d.
R1 and R2 should be chosen such that
22
1
2
5
VV
R
R
R
R
V
PULLUP
PULLUP
<¥
+
+
()>
The fan inputs have an input resistance of nominally 160 k
W to
ground; this should be taken into account when calculating
resistor values.
With a pull-up voltage of 12 V and pull-up resistor less than
1 k
W, suitable values for R1 and R2 would be 100 kW and
47 k
W. This will give a high input voltage of 3.83 V.
5V OR 12V
ADM1027
FAN SPEED
COUNTER
TACH X
TACHO
OUTPUT
PULL-UP TYP
<1k
OR
TOTEM POLE
VCC
FAN
ZD1*
*CHOOSE ZD1 VOLTAGE APPROX 0.8
VCC
R1
10k
Figure 25c. Fan with Strong TACH Pull-Up to > VCC or
Totem-Pole Output, Clamped with Zener and Resistor
5V OR 12V
ADM1027
FAN SPEED
COUNTER
TACH X
TACHO
OUTPUT
PULL-UP TYP
<1k
VCC
FAN
R2*
*SEE TEXT
R1*
Figure 25d. Fan with Strong TACH Pull-Up to > VCC
or Totem-Pole Output, Attenuated with R1/R2
Fan Speed Measurement
The fan counter does not count the fan TACH output pulses
directly because the fan speed may be less than 1000 RPM and
it would take several seconds to accumulate a reasonably large
and accurate count. Instead, the period of the fan revolution is
measured by gating an on-chip 90 kHz oscillator into the input
of a 16-bit counter for N periods of the fan TACHO output
(Figure 26), so the accumulated count is actually proportional
to the fan tachometer period and inversely proportional to the
fan speed.
1
2
3
4
CLOCK
PWM
TACH
Figure 26. Fan Speed Measurement
N, the number of pulses counted, is determined by the settings
of Register 0x7B (fan pulses per revolution register). This register
contains two bits for each fan, allowing 1, 2 (default), 3, or 4
TACH pulses to be counted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com