Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1027
Description  dBCOOL-TM Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1027 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1027 Datasheet HTML 3Page - Analog Devices ADM1027 Datasheet HTML 4Page - Analog Devices ADM1027 Datasheet HTML 5Page - Analog Devices ADM1027 Datasheet HTML 6Page - Analog Devices ADM1027 Datasheet HTML 7Page - Analog Devices ADM1027 Datasheet HTML 8Page - Analog Devices ADM1027 Datasheet HTML 9Page - Analog Devices ADM1027 Datasheet HTML 10Page - Analog Devices ADM1027 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
REV. A
Typical Performance Characteristics–ADM1027
–7–
LEAKAGE RESISTANCE (M )
15
10
–20
1.0
3.3
100.0
10.0
30.0
0
–5
–10
–15
5
DXP TO GND
DXP TO VCC (3.3V)
TPC 1. Remote Temperature
Error vs. Leakage Resistance
FREQUENCY (Hz)
14.0
12.0
–2.0
100k
550k
50M
5M
6.0
4.0
0
2.0
10.0
8.0
100mV
250mV
TPC 4. Remote Temperature Error
vs. Power Supply Noise Frequency
FREQUENCY (Hz)
16.0
60k
14.0
12.0
10.0
8.0
6.0
4.0
2.0
0
–2.0
110k
1M
10M
50M
10mV
20mV
TPC 7. Remote Temperature Error
vs. Differential Mode Noise
Frequency
DXP – DXN CAPACITANCE (nF)
3
1
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
2.2
3.3
4.7
10.0
22.0
47.0
–30
–33
–36
REMOTE TEMPERATURE
ERROR ( C)
TPC 2. Remote Temperature Error
vs. Capacitance between D+ and D–
FREQUENCY (Hz)
12.5
10.0
–5.0
100k
550k
50M
5M
5.0
2.5
–2.5
0
7.5
100mV
250mV
TPC 5. Local Temperature Error vs.
Power Supply Noise Frequency
FREQUENCY (Hz)
40.0
10k
35.0
30.0
25.0
20.0
15.0
10.0
5.0
0
–5.0
–10.0
100k
1M
10M
20mV
40mV
100mV
TPC 8. Remote Temperature Error
vs. Common Mode Noise Frequency
TEMPERATURE ( C)
3
–40
2
1
0
–1
–2
–3
040
80
120
–3 SIGMA
+3 SIGMA
TPC 3. Remote Temperature Error
vs. Actual Temperature
1.90
1.85
1.80
1.75
1.70
1.65
1.60
1.55
1.50
1.45
1.40
2.50
2.60 3.00 3.40 3.80 4.20
4.60 5.00 5.40
5.50
TPC 6. Supply Current vs.
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com