Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM1027
Description  dBCOOL-TM Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1027 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1027 Datasheet HTML 5Page - Analog Devices ADM1027 Datasheet HTML 6Page - Analog Devices ADM1027 Datasheet HTML 7Page - Analog Devices ADM1027 Datasheet HTML 8Page - Analog Devices ADM1027 Datasheet HTML 9Page - Analog Devices ADM1027 Datasheet HTML 10Page - Analog Devices ADM1027 Datasheet HTML 11Page - Analog Devices ADM1027 Datasheet HTML 12Page - Analog Devices ADM1027 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
REV. A
ADM1027
–9–
Any number of bytes of data can be transferred over the serial
bus in one operation. However, it is not possible to mix read
and write in one operation because the type of operation is
determined at the beginning and subsequently cannot be changed
without starting a new operation.
In the case of the ADM1027, write operations contain either
one or two bytes, and read operations contain one byte and
perform the following functions:
To write data to one of the device data registers or read data
from it, the address pointer register must be set so the correct
data register is addressed, then data can be written into that
register or read from it. The first byte of a write operation always
contains an address that is stored in the address pointer register.
If data is to be written to the device, then the write operation
contains a second data byte that is written to the register selected
by the address pointer register.
This is illustrated in Figure 6. The device address is sent over
the bus followed by R/W being set to 0. This is followed by two
data bytes. The first data byte is the address of the internal data
register to be written to, which is stored in the address pointer
register. The second data byte is the data to be written to the
internal data register.
When reading data from a register, there are two possibilities:
1. If the ADM1027 address pointer register value is unknown or
not the desired value, it is first necessary to set it to the correct
value before data can be read from the desired data register.
This is done by performing a write to the ADM1027 as before,
but only sending the data byte containing the register address,
as data is not to be written to the register. This is shown in
Figure 7.
A read operation is then performed consisting of the serial
bus address, R/W bit set to 1, followed by the data byte read
from the data register. This is shown in Figure 8.
2. If the address pointer register is known to be already at the
desired address, data can be read from the corresponding data
register without first writing to the address pointer register,
so Figure 7 can be omitted.
R/W
0
SCL
SDA
10
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
ADM1027
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS
BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
19
1
ACK. BY
ADM1027
9
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
ADM1027
STOP BY
MASTER
FRAME 3
DATA
BYTE
1
9
SCL (CONTINUED)
SDA (CONTINUED)
Figure 6. Writing a Register Address to the Address Pointer Register, Then Writing Data to the Selected Register
R/W
0
SCL
SDA
10
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
ADM1027
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS
BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
19
1
ACK. BY
ADM1027
9
Figure 7. Writing to the Address Pointer Register Only
R/W
0
SCL
SDA
10
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
NO ACK. BY
MASTER
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS
BYTE
FRAME 2
DATA BYTE FROM ADM1027
19
1
ACK. BY
ADM1027
9
Figure 8. Reading Data from a Previously Selected Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com