Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1027
Description  dBCOOL-TM Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1027 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1027 Datasheet HTML 6Page - Analog Devices ADM1027 Datasheet HTML 7Page - Analog Devices ADM1027 Datasheet HTML 8Page - Analog Devices ADM1027 Datasheet HTML 9Page - Analog Devices ADM1027 Datasheet HTML 10Page - Analog Devices ADM1027 Datasheet HTML 11Page - Analog Devices ADM1027 Datasheet HTML 12Page - Analog Devices ADM1027 Datasheet HTML 13Page - Analog Devices ADM1027 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
REV. A
–10–
ADM1027
Notes
1. It is possible to read a data byte from a data register without
first writing to the address pointer register if the address
pointer register is already at the correct value. However, it is
not possible to write data to a register without writing to the
address pointer register, because the first data byte of a write
is always written to the address pointer register.
2. In Figures 6 to 8, the serial bus address is shown as the default
value 01011(A1)(A0), where A1 and A0 are set by the address
select mode function previously defined.
3. In addition to supporting the send byte and receive byte
protocols, the ADM1027 also supports the read byte protocol
(see System Management Bus specifications Rev. 2.0 for
more information).
4. If it is required to perform several read or write operations in
succession, the master can send a repeat start condition instead
of a stop condition to begin a new operation.
ADM1027 WRITE OPERATIONS
The SMBus specification defines several protocols for different
types of read and write operations. The ones used in the
ADM1027 are discussed below. The following abbreviations are
used in the diagrams:
S – START
P– STOP
R– READ
W – WRITE
A– ACKNOWLEDGE
A – NO ACKNOWLEDGE
The ADM1027 uses the following SMBus write protocols:
Send Byte
In this operation, the master device sends a single command
byte to a slave device, as follows:
1. The master device asserts a start condition on SDA.
2. The master sends the 7-bit slave address followed by the
write bit (low).
3. The addressed slave device asserts ACK on SDA.
4. The master sends a command code.
5. The slave asserts ACK on SDA.
6. The master asserts a stop condition on SDA and the
transaction ends.
For the ADM1027, the send byte protocol is used to write a
register address to RAM for a subsequent single byte read from
the same address. This is illustrated in Figure 9.
S
SLAVE
ADDRESS
WA
A P
12
3
4
5
6
REGISTER
ADDRESS
Figure 9. Setting a Register Address for Subsequent Read
If it is required to read data from the register immediately after
setting up the address, the master can assert a repeat start con-
dition immediately after the final ACK and carry out a single
byte read without asserting an intermediate stop condition.
Write Byte
In this operation, the master device sends a command byte and
one data byte to the slave device, as follows:
1. The master device asserts a start condition on SDA.
2. The master sends the 7-bit slave address followed by the
write bit (low).
3. The addressed slave device asserts ACK on SDA.
4. The master sends a command code.
5. The slave asserts ACK on SDA.
6. The master sends a data byte.
7. The slave asserts ACK on SDA.
8. The master asserts a stop condition on SDA to end the
transaction.
This is illustrated in Figure 10.
S
SLAVE
ADDRESS
WA
12
3
4
5
6
A DATA AP
78
REGISTER
ADDRESS
Figure 10. Single Byte Write to a Register
ADM1027 READ OPERATIONS
The ADM1027 uses the following SMBus read protocols:
Receive Byte
This is useful when repeatedly reading a single register. The
register address needs to have been set up previously. In this
operation, the master device receives a single byte from a slave
device, as follows:
1. The master device asserts a start condition on SDA.
2. The master sends the 7-bit slave address followed by the
read bit (high).
3. The addressed slave device asserts ACK on SDA.
4. The master receives a data byte.
5. The master asserts NO ACK on SDA.
6. The master asserts a stop condition on SDA and the trans-
action ends.
In the ADM1027, the receive byte protocol is used to read a
single byte of data from a register whose address has previously
been set by a send byte or write byte operation.
S
SLAVE
ADDRESS
RA DATA
A P
12
3
4
5
6
Figure 11. Single Byte Read from a Register
Alert Response Address
Alert Response Address (ARA) is a feature of SMBus devices,
which allows an interrupting device to identify itself to the host
when multiple devices exist on the same bus.
The SMBALERT output can be used as an interrupt output or
can be used as an SMBALERT. One or more outputs can be
connected to a common SMBALERT line connected to the
master. If a device’s SMBALERT line goes low, the following
procedure occurs:
1. SMBALERT is pulled low.
2. Master initiates a read operation and sends the alert response
address (ARA = 0001 100). This is a general call address that
must not be used as a specific device address.
3. The device whose SMBALERT output is low responds to
the alert response address, and the master reads its device
address. The address of the device is now known and it can
be interrogated in the usual way.
4. If more than one device’s SMBALERT output is low, the one
with the lowest device address will have priority, in accordance
with normal SMBus arbitration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com