Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 19 Page - Analog Devices

Part # ADM1027
Description  dBCOOL-TM Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1027 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM1027 Datasheet HTML 15Page - Analog Devices ADM1027 Datasheet HTML 16Page - Analog Devices ADM1027 Datasheet HTML 17Page - Analog Devices ADM1027 Datasheet HTML 18Page - Analog Devices ADM1027 Datasheet HTML 19Page - Analog Devices ADM1027 Datasheet HTML 20Page - Analog Devices ADM1027 Datasheet HTML 21Page - Analog Devices ADM1027 Datasheet HTML 22Page - Analog Devices ADM1027 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
REV. A
ADM1027
–19–
SMBALERT INTERRUPT BEHAVIOR
The ADM1027 can be polled for status, or an
SMBALERT
interrupt can be generated for out-of-limit conditions. It is
important to note how the
SMBALERT output and status bits
behave when writing interrupt handler software.
STICKY
STATUS
BIT
HIGH LIMIT
TEMPERATURE
SMBALERT
CLEARED ON READ
(TEMP BELOW LIMIT)
TEMP BACK IN LIMIT
(STATUS BIT STAYS SET)
Figure 16.
SMBALERT and Status Bit Behavior
Figure 16 shows how the
SMBALERT output and sticky status
bits behave. Once a limit is exceeded, the corresponding status
bit is set to 1. The status bit remains set until the error condition
subsides and the status register is read. The status bits are referred
to as sticky since they remain set until read by software. This
ensures that an out-of-limit event cannot be missed if software
is polling the device periodically. Note that the
SMBALERT
output remains low for the entire duration that a reading is
out-of-limit and until the status register has been read. This has
implications on how software handles the interrupt.
HANDLING
SMBALERT INTERRUPTS
To prevent the system from being tied up servicing interrupts,
it is recommend to handle the
SMBALERT interrupt as follows:
1. Detect the
SMBALERT assertion.
2. Enter the interrupt handler.
3. Read the status registers to identify the interrupt source.
4. Mask the interrupt source by setting the appropriate mask bit
in the interrupt mask registers (Reg. 0x74, 0x75).
5. Take the appropriate action for a given interrupt source.
6. Exit the interrupt handler.
7. Periodically poll the status registers. If the interrupt status bit
has cleared, reset the corresponding interrupt mask bit to 0.
This will cause the
SMBALERT output and status bits to
behave as shown in Figure 17.
STICKY
STATUS
BIT
HIGH LIMIT
TEMPERATURE
SMBALERT
CLEARED ON READ
(TEMP BELOW LIMIT)
TEMP BACK IN LIMIT
(STATUS BIT STAYS SET)
INTERRUPT
MASK BIT SET
INTERRUPT MASK
BIT CLEARED
(
SMBALERT REARMED)
Figure 17. How Masking the Interrupt Source
Affects
SMBALERT Output
MASKING INTERRUPT SOURCES
Interrupt Mask Registers 1 and 2 are located at Addresses 0x74
and 0x75. These allow individual interrupt sources to be masked
out to prevent
SMBALERT interrupts. Note that masking an
interrupt source prevents only the
SMBALERT output from
being asserted; the appropriate status bit will be set as normal.
INTERRUPT MASK REGISTER 1 (REG. 0x74)
Bit 7 (OOL) = 1, set this bit to 1 to allow masking of interrupts
by Status Register 2. If this bit = 0, then setting a bit in Mask
Register 2 to 1 will have no effect.
Bit 6 (R2T) = 1, masks
SMBALERT for Remote 2 temperature.
Bit 5 (LT) = 1, masks
SMBALERT for local temperature.
Bit 4 (R1T) = 1, masks
SMBALERT for Remote 1 temperature.
Bit 3 (5 V) = 1, masks
SMBALERT for 5 V channel.
Bit 2 (VCC) = 1, masks SMBALERT for VCC channel.
Bit 1 (VCCP) = 1, masks SMBALERT for VCCP channel.
Bit 0 (2.5 V) = 1, masks
SMBALERT for 2.5 V channel.
INTERRUPT MASK REGISTER 2 (REG. 0x75)
Bit 7 (D2) = 1, masks
SMBALERT for Diode 2 errors.
Bit 6 (D1) = 1, masks
SMBALERT for Diode 1 errors.
Bit 5 (FAN4) = 1, masks
SMBALERT for Fan 4.
Bit 4 (FAN3) = 1, masks
SMBALERT for Fan 3.
Bit 3 (FAN2) = 1, masks
SMBALERT for Fan 2.
Bit 2 (FAN1) = 1, masks
SMBALERT for Fan 1.
Bit 1 (OVT) = 1, masks
SMBALERT for overtemperature
(exceeding THERM limits).
Bit 0 (12 V) = 1, masks
SMBALERT for 12 V channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com