Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM1027
Description  dBCOOL-TM Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1027 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1027 Datasheet HTML 7Page - Analog Devices ADM1027 Datasheet HTML 8Page - Analog Devices ADM1027 Datasheet HTML 9Page - Analog Devices ADM1027 Datasheet HTML 10Page - Analog Devices ADM1027 Datasheet HTML 11Page - Analog Devices ADM1027 Datasheet HTML 12Page - Analog Devices ADM1027 Datasheet HTML 13Page - Analog Devices ADM1027 Datasheet HTML 14Page - Analog Devices ADM1027 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
REV. A
ADM1027
–11–
5. Once the ADM1027 has responded to the alert response
address, the master must read the status registers and the
SMBALERT will only be cleared if the error condition has
gone away.
SMBus Timeout
The ADM1027 includes an SMBus timeout feature. If there is
no SMBus activity for a minimum of 15 ms and a maximum of
35 ms, the ADM1027 assumes that the bus is locked and releases
the bus. This prevents the device from locking or holding the
SMBus expecting data. Some SMBus controllers cannot handle
the SMBus timeout feature, so it can be disabled.
CONFIGURATION REGISTER 1 – Register 0x40
<6> TODIS = 0;
SMBus timeout enabled (default)
<6> TODIS = 1;
SMBus timeout disabled
VOLTAGE MEASUREMENT INPUTS
The ADM1027 has four external voltage measurement channels.
It can also measure its own supply voltage, VCC.
Pins 20 to 23 are dedicated to measuring 5 V, 12 V, 2.5 V supplies
and the processor core voltage VCCP (0 V to 3 V input). The
VCC supply voltage measurement is carried out through the VCC
pin (Pin 4). Setting Bit 7 of Configuration Register 1 (Reg. 0x40)
allows a 5 V supply to power the ADM1027 and be measured
without overranging the VCC measurement channel. The 2.5 V
input can be used to monitor a chipset supply voltage in com-
puter systems.
ANALOG-TO-DIGITAL CONVERTER
All analog inputs are multiplexed into the on-chip, successive
approximation, analog-to-digital converter. This has a resolu-
tion of 10 bits. The basic input range is 0 V to 2.25 V, but the
inputs have built-in attenuators to allow measurement of 2.5 V,
3.3 V, 5 V, 12 V and the processor core voltage VCCP, without
any external components. To allow for the tolerance of these
supply voltages, the ADC produces an output of 3/4 full scale
(768 decimal or 300 hex) for the nominal input voltage, and so
has adequate headroom to cope with overvoltages.
INPUT CIRCUITRY
The internal structure for the analog inputs is shown in Figure 12.
Each input circuit consists of an input protection diode, an
attenuator, and a capacitor to form a first order low-pass filter
that gives the input immunity to high frequency noise.
VOLTAGE MEASUREMENT REGISTERS
Reg. 0x20 2.5 V Reading = 0x00 default
Reg. 0x21 VCCP Reading = 0x00 default
Reg. 0x22 VCC Reading = 0x00 default
Reg. 0x23 5 V Reading = 0x00 default
Reg. 0x24 12 V Reading = 0x00 default
VOLTAGE MEASUREMENT LIMIT REGISTERS
Associated with each voltage measurement channel are high and
low limit registers. Exceeding the programmed high or low limit
causes the appropriate status bit to be set. Exceeding either limit
can also generate SMBALERT interrupts.
Reg. 0x44 2.5 V Low Limit = 0x00 default
Reg. 0x45 2.5 V High Limit = 0xFF default
Reg. 0x46 VCCP Low Limit = 0x00 default
Reg. 0x47 VCCP High Limit = 0xFF default
Reg. 0x48 VCC Low Limit = 0x00 default
Reg. 0x49 VCC High Limit = 0xFF default
Reg. 0x4A 5 V Low Limit = 0x00 default
Reg. 0x4B 5 V High Limit = 0xFF default
Reg. 0x4C 12 V Low Limit = 0x00 default
Reg. 0x4D 12 V High Limit = 0xFF default
30pF
120k
30pF
93k
MUX
30pF
68k
30pF
45k
105k
35pF
35k
94k
71k
47k
20k
12VIN
5VIN
3.3VIN
2.5VIN
VCCPIN
Figure 12. Structure of Analog Inputs
Table II shows the input ranges of the analog inputs and output
codes of the 10-bit A/D converter.
When the ADC is running, it samples and converts a voltage
input in 711
ms, and averages 16 conversions to reduce noise.
Therefore a measurement on any input takes nominally 11.38 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com