Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1027
Description  dBCOOL-TM Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1027 Datasheet(HTML) 4 Page - Analog Devices

  ADM1027 Datasheet HTML 1Page - Analog Devices ADM1027 Datasheet HTML 2Page - Analog Devices ADM1027 Datasheet HTML 3Page - Analog Devices ADM1027 Datasheet HTML 4Page - Analog Devices ADM1027 Datasheet HTML 5Page - Analog Devices ADM1027 Datasheet HTML 6Page - Analog Devices ADM1027 Datasheet HTML 7Page - Analog Devices ADM1027 Datasheet HTML 8Page - Analog Devices ADM1027 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
REV. A
–4–
ADM1027
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADM1027 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
Positive Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . 6.5 V
Voltage on 12 VIN Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 V
Voltage on Any Other Input or Output Pin . . . . –0.3 V to +6.5 V
Input Current at Any Pin . . . . . . . . . . . . . . . . . . . . . . . .
±5 mA
Package Input Current . . . . . . . . . . . . . . . . . . . . . . . .
±20 mA
Maximum Junction Temperature (TJ MAX) . . . . . . . . . . 150
∞C
Storage Temperature Range . . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215
∞C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200
∞C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000 V
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
ADM1027
TACH2
TACH1
PWM2/
SMBALERT
TACH3
VID3
SDA
SCL
GND
VCC
VID2
VID1
VID0
PWM3/
ADDRESS ENABLE
TACH4/ADDRESS SELECT
D2–
D2+
D1–
PWM1/XTO
VCCP
2.5VIN
12VIN
D1+
VID4
5VIN
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADM1027
0ºC to 105ºC
24-Lead QSOP
RQ-24
THERMAL CHARACTERISTICS
24-Lead QSOP Package:
qJA = 123∞C/W, qJC = 27∞C/W
P
S
tSU; DAT
tHIGH
tF
tHD; DAT
tR
tLOW
tSU; STO
PS
SCL
SDA
tHD; STA
tHD; STA
tSU; STA
tBUF
Figure 1. Diagram for Serial Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com