Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM1027
Description  dBCOOL-TM Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1027 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM1027 Datasheet HTML 10Page - Analog Devices ADM1027 Datasheet HTML 11Page - Analog Devices ADM1027 Datasheet HTML 12Page - Analog Devices ADM1027 Datasheet HTML 13Page - Analog Devices ADM1027 Datasheet HTML 14Page - Analog Devices ADM1027 Datasheet HTML 15Page - Analog Devices ADM1027 Datasheet HTML 16Page - Analog Devices ADM1027 Datasheet HTML 17Page - Analog Devices ADM1027 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
REV. A
–14–
ADM1027
TEMPERATURE MEASUREMENT SYSTEM
Local Temperature Measurement
The ADM1027 contains an on-chip band gap temperature
sensor whose output is digitized by the on-chip 10-bit ADC.
The 8-bit MSB temperature data is stored in the local temp
register (Address 0x26). As both positive and negative tempera-
tures can be measured, the temperature data is stored in twos
complement format, as shown in Table III. Theoretically, the
temperature sensor and ADC can measure temperatures from
–128
oC to +127oC with a resolution of 0.25oC. However, this
exceeds the operating temperature range of the device (0
oC to
105
oC), so local temperature measurements outside this range
are not possible. Temperature measurement from –127
oC to
+127
oC is possible using a remote sensor.
Remote Temperature Measurement
The ADM1027 can measure the temperature of two remote
diode sensors or diode-connected transistors connected to
Pins 15 and 16, or 17 and 18.
The forward voltage of a diode or diode-connected transistor,
operated at a constant current, exhibits a negative temperature
coefficient of about –2 mV/
oC. Unfortunately, the absolute
value of Vbe varies from device to device, and individual calibra-
tion is required to null this out, so the technique is unsuitable
for mass production. The technique used in the ADM1027 is to
measure the change in Vbe when the device is operated at two
different currents. This is given by
where:
K is Boltzmann’s constant.
q is charge on the carrier.
T is absolute temperature in kelvins.
N is the ratio of the two currents.
Figure 13 shows the input signal conditioning used to measure
the output of a remote temperature sensor. This figure shows the
external sensor as a substrate transistor, provided for temperature
monitoring on some microprocessors. It could equally well be a
discrete transistor such as a 2N3904/06.
D+
D–
REMOTE
SENSING
TRANSISTOR
IN
I
IBIAS
VDD
VOUT+
TO ADC
VOUT–
BIAS
DIODE
LOW-PASS
FILTER
fC = 65kHz
THERMDA
THERMDC
CPU
Figure 13. Signal Conditioning for Remote Diode Temperature Sensors
DVKT q
N
be
=¥
()
ln



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com