Electronic Components Datasheet Search
  English  ▼

X  

ADM1027 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM1027
Description  dBCOOL-TM Remote Thermal Controller and Voltage Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1027 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM1027 Datasheet HTML 13Page - Analog Devices ADM1027 Datasheet HTML 14Page - Analog Devices ADM1027 Datasheet HTML 15Page - Analog Devices ADM1027 Datasheet HTML 16Page - Analog Devices ADM1027 Datasheet HTML 17Page - Analog Devices ADM1027 Datasheet HTML 18Page - Analog Devices ADM1027 Datasheet HTML 19Page - Analog Devices ADM1027 Datasheet HTML 20Page - Analog Devices ADM1027 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
REV. A
ADM1027
–17–
SMBALERT, STATUS, AND MASK REGISTERS
SMBALERT CONFIGURATION
Pin 10 of the ADM1027 can be configured as either PWM2 or
as an SMBALERT output. The SMBALERT output may be
used to signal out-of-limit conditions as explained below. The
default state of Pin 10 is PWM2. To configure Pin 10 as
SMBALERT:
Configuration Reg. 3 (Addr = 0x78), Bit 0 = 1 = SMBALERT
Configuration Reg. 3 (Addr = 0x78), Bit 0 = 0 = PWM2 =
default
LIMIT VALUES
Associated with each measurement channel on the ADM1027
are high and low limits. These can form the basis of system
status monitoring; a status bit can be set for any out-of-limit
condition and detected by polling the device. Alternatively,
SMBALERT interrupts can be generated to flag a processor or
microcontroller of out-of-limit conditions.
8-BIT LIMITS
The following is a list of 8-bit limits on the ADM1027:
Voltage Limit Registers
Reg. 0x44 2.5 V Low Limit = 0x00 default
Reg. 0x45 2.5 V High Limit = 0xFF default
Reg. 0x46 VCCP Low Limit = 0x00 default
Reg. 0x47 VCCP High Limit = 0xFF default
Reg. 0x48 VCC Low Limit = 0x00 default
Reg. 0x49 VCC High Limit = 0xFF default
Reg. 0x4A 5 V Low Limit = 0x00 default
Reg. 0x4B 5 V High Limit = 0xFF default
Reg. 0x4C 12 V Low Limit = 0x00 default
Reg. 0x4D 12 V High Limit = 0xFF default
Temperature Limit Registers
Reg. 0x4E Remote 1 Temp Low Limit = 0x81 default
Reg. 0x4F Remote 1 Temp High Limit = 0x7F default
Reg. 0x6A Remote 1 THERM Limit = 0x64 default
Reg. 0x50 Local Temp Low Limit = 0x81 default
Reg. 0x51 Local Temp High Limit = 0x7F default
Reg. 0x6B Local THERM Limit = 0x64 default
Reg. 0x52 Remote 2 Temp Low Limit = 0x81 default
Reg. 0x53 Remote 2 Temp High Limit = 0x7F default
Reg. 0x6C Remote 2 THERM Limit = 0x64 default
16-Bit Limits
The fan TACH measurements are 16-bit results. The fan TACH
limits are also 16 bits, consisting of a high byte and low byte.
Since fans running underspeed or stalled are normally the only
conditions of interest, only high limits exist for fan TACHs.
Since fan TACH period is actually being measured, exceeding
the limit indicates a slow or stalled fan.
Fan Limit Registers
Reg. 0x54 TACH1 Minimum Low Byte = 0xFF default
Reg. 0x55 TACH1 Minimum High Byte = 0xFF default
Reg. 0x56 TACH2 Minimum Low Byte = 0xFF default
Reg. 0x57 TACH2 Minimum High Byte = 0xFF default
Reg. 0x58 TACH3 Minimum Low Byte = 0xFF default
Reg. 0x59 TACH3 Minimum High Byte = 0xFF default
Reg. 0x5A TACH4 Minimum Low Byte = 0xFF default
Reg. 0x5B TACH4 Minimum High Byte = 0xFF default
OUT-OF-LIMIT COMPARISONS
The ADM1027 will measure all parameters in round-robin format
and set the appropriate status bit for out-of-limit conditions.
Comparisons are done differently depending on whether the
measured value is being compared to a high or low limit.
HIGH LIMIT: > COMPARISON PERFORMED
LOW LIMIT: < OR = COMPARISON PERFORMED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com