Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 305 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 305 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 301Page - Cirrus Logic CS47L85 Datasheet HTML 302Page - Cirrus Logic CS47L85 Datasheet HTML 303Page - Cirrus Logic CS47L85 Datasheet HTML 304Page - Cirrus Logic CS47L85 Datasheet HTML 305Page - Cirrus Logic CS47L85 Datasheet HTML 306Page - Cirrus Logic CS47L85 Datasheet HTML 307Page - Cirrus Logic CS47L85 Datasheet HTML 308Page - Cirrus Logic CS47L85 Datasheet HTML 309Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 370 page
background image
CS47L85
Rev 4.3
305
Note that, in the above equations:
FSYNC is the synchroniser input frequency, after division by FLLn_SYNCCLK_DIV, where applicable
FLLn_SYNC_FRATIO is the FVCO clock ratio (1, 2, 4, 8 or 16)
The value of N (Sync) is held in the FLLn_SYNC_N register field.
The value of K (Sync) is determined by the FLLn_SYNC_THETA and FLLn_SYNC_LAMBDA fields.
The FLLn_SYNC_N, FLLn_SYNC_THETA and FLLn_SYNC_LAMBDA fields are all coded as integers (LSB = 1).
In Fractional Mode, with the synchroniser disabled (K > 0, and FLLn_SYNC_ENA = 0), the register fields FLLn_THETA and
FLLn_LAMBDA can be calculated as described below.
The equivalent procedure is also used to derive the FLLn_SYNC_THETA and FLLn_SYNC_LAMBDA register values from
the corresponding synchroniser parameters. (This is only required if the synchroniser is enabled.)
Calculate GCD(FLL) using the ‘Greatest Common Denominator’ function:
GCD(FLL) = GCD(FLLn_FRATIO x FREF, FVCO / 3)
where GCD(x, y) is the greatest common denominator of x and y
FREF is the input frequency, after division by FLLn_REFCLK_DIV, where applicable.
Next, calculate FLLn_THETA and FLLn_LAMBDA using the following equations:
FLLn_THETA = ((FVCO / 3) - (FLL_N x FLLn_FRATIO x FREF)) / GCD(FLL)
FLLn_LAMBDA = (FLLn_FRATIO x FREF) / GCD(FLL)
Note that, in the operating conditions described above, the values of FLLn_THETA and FLLn_LAMBDA must be co-prime
(i.e., not divisible by any common integer). The calculation above ensures that the values will be co-prime. The value of K
must be a fraction less than 1 (i.e., FLLn_THETA must be less than FLLn_LAMBDA).
In Fractional Mode, with the synchroniser enabled (K > 0, and FLLn_SYNC_ENA = 1), the value of FLLn_THETA is
calculated as described below. The value of FLLn_LAMBDA is ignored in this case.
FLLn_THETA = K x 65536
The FLL control registers are described in Table 109, Table 110 and Table 111. Example settings for a variety of reference
frequencies and output frequencies are shown in Table 114.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R369
(0171h)
FLL1_Con
trol_1
0
FLL1_ENA
0
FLL1 Enable
0 = Disabled
1 = Enabled
This should be set as the final step of the FLL1 enable
sequence, i.e., after the other FLL registers have been
configured.
R370
(0172h)
FLL1_Con
trol_2
15
FLL1_CTRL_UP
D
0
FLL1 Control Update
Write ‘1’ to apply the FLL1_N and FLL1_THETA register
settings.
(Only valid when FLL1_ENA=1)
9:0
FLL1_N [9:0]
008h
FLL1 Integer multiply for FREF
(LSB = 1)
If updated while the FLL is enabled, the new value is
only effective
when a ‘1’ is written to FLL1_CTRL_UPD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com