Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 307 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 307 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 303Page - Cirrus Logic CS47L85 Datasheet HTML 304Page - Cirrus Logic CS47L85 Datasheet HTML 305Page - Cirrus Logic CS47L85 Datasheet HTML 306Page - Cirrus Logic CS47L85 Datasheet HTML 307Page - Cirrus Logic CS47L85 Datasheet HTML 308Page - Cirrus Logic CS47L85 Datasheet HTML 309Page - Cirrus Logic CS47L85 Datasheet HTML 310Page - Cirrus Logic CS47L85 Datasheet HTML 311Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 370 page
background image
CS47L85
Rev 4.3
307
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R386
(0182h)
FLL1_Syn
chroniser_
2
9:0
FLL1_SYNC_N
[9:0]
000h
FLL1 Integer multiply for FSYNC
(LSB = 1)
R387
(0183h)
FLL1_Syn
chroniser_
3
15:0
FLL1_SYNC_TH
ETA [15:0]
0000h
FLL1 Fractional multiply for FSYNC
This field sets the numerator (multiply) part of the
FLL1_SYNC_THETA / FLL1_SYNC_LAMBDA ratio.
Coded as LSB = 1.
R388
(0184h)
FLL1_Syn
chroniser_
4
15:0
FLL1_SYNC_LA
MBDA [15:0]
0000h
FLL1 Fractional multiply for FSYNC
This field sets the denominator (dividing) part of the
FLL1_SYNC_THETA / FLL1_SYNC_LAMBDA ratio.
Coded as LSB = 1.
R389
(0185h)
FLL1_Syn
chroniser_
5
10:8
FLL1_SYNC_FR
ATIO [2:0]
000
FLL1 Synchroniser FVCO clock divider
000 = 1
001 = 2
010 = 4
011 = 8
1XX = 16
R390
(0186h)
FLL1_Syn
chroniser_
6
7:6
FLL1_SYNCCLK
_DIV [1:0]
00
FLL1 Synchroniser Clock Reference Divider
00 = 1
01 = 2
10 = 4
11 = 8
MCLK (or other input reference) must be divided down
to <=13.5MHz.
For lower power operation, the reference clock can be
divided down further if desired.
3:0
FLL1_SYNCCLK
_SRC
0000
FLL1 Synchroniser Clock source
0000 = MCLK1
0001 = MCLK2
0011 = SLIMCLK
0100 = FLL1
0101 = FLL2
0110 = FLL3
1000 = AIF1BCLK
1001 = AIF2BCLK
1010 = AIF3BCLK
1011 = AIF4BCLK
1100 = AIF1LRCLK
1101 = AIF2LRCLK
1110 = AIF3LRCLK
1111 = AIF4LRCLK
All other codes are Reserved
R391
(0187h)
FLL1_Syn
chroniser_
7
5:2
FLL1_SYNC_GAI
N [3:0]
0000
FLL1 Synchroniser Gain
0000 = 1
0001 = 2
0010 = 4
0011 = 8
0100 = 16
0101 = 32
0110 = 64
0111 = 128
1000 to 1111 = 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com