Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 304 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 304 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 300Page - Cirrus Logic CS47L85 Datasheet HTML 301Page - Cirrus Logic CS47L85 Datasheet HTML 302Page - Cirrus Logic CS47L85 Datasheet HTML 303Page - Cirrus Logic CS47L85 Datasheet HTML 304Page - Cirrus Logic CS47L85 Datasheet HTML 305Page - Cirrus Logic CS47L85 Datasheet HTML 306Page - Cirrus Logic CS47L85 Datasheet HTML 307Page - Cirrus Logic CS47L85 Datasheet HTML 308Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 370 page
background image
CS47L85
304
Rev 4.3
FLLn_FRATIO
REFERENCE FREQUENCY
FREF - MAXIMUM VALUE
0h (divide by 1)
13.5 MHz
1h (divide by 2)
6.144 MHz
2h (divide by 3)
3h (divide by 4)
3.072 MHz
4h (divide by 5)
5h (divide by 6)
2.8224 MHz
6h (divide by 7)
7h (divide by 8)
1.536 MHz
8h (divide by 9)
9h (divide by 10)
Ah (divide by 11)
Bh (divide by 12)
Ch (divide by 13)
Dh (divide by 14)
Eh (divide by 15)
Fh (divide by 16)
768 kHz
Table 107 Maximum FLL input frequency (function of FLLn_FRATIO)
The value of N is held in the FLLn_N register field.
The value of K is determined by the FLLn_THETA and FLLn_LAMBDA fields, as described later.
The FLLn_N, FLLn_THETA and FLLn_LAMBDA fields are all coded as integers (LSB = 1).
If the FLLn_N or FLLn_THETA registers are updated while the FLL is enabled (FLLn_ENA=1), then the new values will only
be effective when a ‘1’ is written to the FLLn_CTRL_UPD bit. This makes it possible to update the two registers
simultaneously, without disabling the FLL.
Note that, when the FLL is disabled (FLLn_ENA=0), then the FLLn_N and FLLn_THETA registers can be updated without
writing to the FLLn_CTRL_UPD bit.
The values of FLLn_THETA and FLLn_LAMBDA can be calculated as described later.
A similar procedure applies for the derivation of the FLL Synchroniser parameters - assuming that this function is used.
The FLLn_SYNC_FRATIO field selects the frequency division ratio of the FLL synchroniser input. The FLLn_GAIN and
FLLn_SYNC_DFSAT fields are used to optimise the FLL, according to the input frequency. These fields should be set as
described in Table 108.
Note that the FLLn_SYNC_FRATIO register coding is not the same as the FLLn_FRATIO register.
SYNCHRONISER
FREQUENCY FSYNC
FLLn_SYNC_FRATIO
FLLn_SYNC_GAIN
FLLn_SYNC_DFSAT
1MHz - 13.5MHz
0h (divide by 1)
4h (16x gain)
0 (wide bandwidth)
256kHz - 1MHz
1h (divide by 2)
2h (4x gain)
0 (wide bandwidth)
128kHz - 256kHz
2h (divide by 4)
0h (1x gain)
0 (wide bandwidth)
64kHz - 128kHz
3h (divide by 8)
0h (1x gain)
1 (narrow bandwidth)
Less than 64kHz
4h (divide by 16)
0h (1x gain)
1 (narrow bandwidth)
Table 108 Selection of FLLn_SYNC_FRATIO, FLLn_SYNC_GAIN, FLLn_SYNC_DFSAT
The FLL oscillator frequency, FVCO, is the same frequency calculated as described above.
The value of N.K (Sync) can then be determined as follows:
N.K (Sync) = FVCO / (FLLn_SYNC_FRATIO x 3 x FSYNC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com