Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 302 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 302 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 298Page - Cirrus Logic CS47L85 Datasheet HTML 299Page - Cirrus Logic CS47L85 Datasheet HTML 300Page - Cirrus Logic CS47L85 Datasheet HTML 301Page - Cirrus Logic CS47L85 Datasheet HTML 302Page - Cirrus Logic CS47L85 Datasheet HTML 303Page - Cirrus Logic CS47L85 Datasheet HTML 304Page - Cirrus Logic CS47L85 Datasheet HTML 305Page - Cirrus Logic CS47L85 Datasheet HTML 306Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 370 page
background image
CS47L85
302
Rev 4.3
MCLK2
MCLK1
FLLn_REFCLK_SRC
FVCO (270MHz ≤ Fvco ≤ 300MHz)
FOUT (SYSCLK, ASYNCCLK)
Divide by 3
FLLn_ENA (FLL Enable)
FLLn,
AIFnBCLK,
AIFnLRCLK
Divide by 1, 2, 4 or 8
Divide by
FLLn_REFCLK_DIV
FREF < 13.5MHz
FREF
Multiply by
N.K
Multiply by
FLLn_FRATIO
Multiply by
1, 2, 3
… 16
x3
Main FLL path
FLLn_SYNCCLK_SRC
SLIMCLK
SLIMCLK_REF_GEAR
Divide by
FLLn_SYNCCLK_DIV
Divide by 1, 2, 4 or 8
FSYNC < 13.5MHz
FSYNC
Multiply by
N.K (Sync)
Multiply by
FLLn_SYNC_
FRATIO
Multiply by
1, 2, 4, 8 or 16
x3
FLL Synchroniser path
FOUT (GPIO)
Divide by 7, 8 .. 127
Divide by
FLLn_GPCLK_DIV
Divide by 2
FOUT (DSPCLK)
FLLn_SYNC_ENA
(FLL Synchroniser Enable)
Automatic
Divider
N.K = FLLn_N +
FLLn_THETA
FLLn_LAMBDA
N.K (Sync) = FLLn_SYNC_N +
FLLn_SYNC_THETA
FLLn_SYNC_LAMBDA
Synchroniser disabled:
N.K = FLLn_N +
FLLn_THETA
65536
Synchroniser enabled:
Figure 76 FLL Configuration
The procedure for configuring the FLL is described below. Note that the configuration of the main FLL path and the FLL
Synchroniser path are very similar. One or both paths must be configured, depending on the application requirements:
If a single clock input reference is used, then only the main FLL path should be used.
If the input reference to the main FLL is intermittent, or may be interrupted unexpectedly, then only the main FLL
path should be used.
If two clock input references are used, then the constant or low-noise clock is configured on the main FLL path,
and the high-accuracy clock is configured on the FLL synchroniser path. Note that the synchroniser input must be
synchronous with the audio data.
The following description is applicable to FLL1, FLL2 and FLL3. The associated register control fields are described in Table
109, Table 110 and Table 111 respectively.
The main input reference is selected using FLLn_REFCLK_SRC. The synchroniser input reference is selected using
FLLn_SYNCCLK_SRC. The available options in each case comprise MCLK1, MCLK2, SLIMCLK, AIFnBCLK, AIFnLRCLK,
or the output from another FLL.
The SLIMCLK reference is controlled by an adaptive divider on the external SLIMCLK input. The divider automatically adapts
to the
SLIMbus Clock Gear, to provide a constant reference frequency for the FLL. See “SLIMbus Interface Control” for
details.
The FLL input reference can be generated directly from the output of another FLL. Note that the reference frequency is
equal to FVCO / 3 in this case, with respect to the selected FLL source.
The FLLn_REFCLK_DIV field controls a programmable divider on the main input reference. The FLLn_SYNCCLK_DIV field
controls a programmable divider on the synchroniser input reference. Each input can be divided by 1, 2, 4 or 8. These
registers should be set to bring each reference down to 13.5MHz or below. For best performance, it is recommended that
the highest possible frequency - within the 13.5MHz limit - should be selected. (Note that additional guidelines also apply,
as described below.)
The FLL output frequency, relative to the main input reference FREF, is a function of:
The FLL oscillator frequency, FVCO
The frequency ratio set by FLLn_FRATIO
The real number represented by N.K. (N=integer; K=fractional portion)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com