Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 303 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 303 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 299Page - Cirrus Logic CS47L85 Datasheet HTML 300Page - Cirrus Logic CS47L85 Datasheet HTML 301Page - Cirrus Logic CS47L85 Datasheet HTML 302Page - Cirrus Logic CS47L85 Datasheet HTML 303Page - Cirrus Logic CS47L85 Datasheet HTML 304Page - Cirrus Logic CS47L85 Datasheet HTML 305Page - Cirrus Logic CS47L85 Datasheet HTML 306Page - Cirrus Logic CS47L85 Datasheet HTML 307Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 370 page
background image
CS47L85
Rev 4.3
303
The FVCO frequency must be in the range 270MHz to 300MHz.
When the FLL is selected as SYSCLK or ASYNCCLK source, a fixed divider sets the output frequency equal to FVCO / 3.
Therefore, FVCO must be exactly 294.912MHz (for 48kHz-related sample rates) or 270.9504MHz (for 44.1kHz-related sample
rates).
When the FLL is selected as DSPCLK source, a fixed divider sets the output frequency equal to FVCO / 2. This enables
DSPCLK frequencies in the range 135MHz to 150MHz. For FLL1 only, a ‘divide by 6’ option is also available, supporting
low power DSP operation with DSPCLK frequencies in the range 45MHz to 50MHz. Note that the DSPCLK can be further
divided for each DSP.
When the FLL is selected as a GPIO output, a programmable divider supports division ratios in the range 7 through to 127,
enabling a wide range of GPIO clock output frequencies.
Note that the chosen FVCO frequency can be used to support multiple outputs simultaneously (e.g., SYSCLK and DSPCLK);
each of the FLL clock output paths is controlled by a separate divider function, as illustrated in Figure 76.
The FLLn_FRATIO field selects the frequency division ratio of the FLL input. The FLLn_GAIN field is used to optimise the
FLL, according to the input frequency. As a general guide, these fields should be selected as described in Table 106. (Note
that additional guidelines also apply, as described below.)
REFERENCE
FREQUENCY FREF
FLLn_FRATIO
FLLn_GAIN
1MHz - 13.5MHz
0h (divide by 1)
4h (16x gain)
256kHz - 1MHz
1h (divide by 2)
2h (4x gain)
128kHz - 256kHz
3h (divide by 4)
0h (1x gain)
64kHz - 128kHz
7h (divide by 8)
0h (1x gain)
Less than 64kHz
Fh (divide by 16)
0h (1x gain)
Table 106 Selection of FLLn_FRATIO and FLLn_GAIN
The FLL oscillator frequency, FVCO is set according to the following equation:
FVCO = (FREF x 3 x N.K x FLLn_FRATIO)
The value of N.K can thus be determined as follows:
N.K = FVCO / (FLLn_FRATIO x 3 x FREF)
Note that, in the above equations:
FREF is the input frequency, after division by FLLn_REFCLK_DIV, where applicable
FLLn_FRATIO is the FVCO clock ratio (1, 2, 3 … 16)
If the above equations produce an integer value for N.K, then the value of FLLn_FRATIO should be adjusted to a different,
odd-number division (e.g., divide by 3), and the value of N.K re-calculated. A non-integer value of N.K is recommended for
best performance of the FLL. (If possible, the FLLn_FRATIO value should be decreased to the nearest alternative odd-
number division. If a suitable lower value does not exist, FLLn_FRATIO should be increased to the nearest odd-number
division instead.)
After the value of FLLn_FRATIO has been determined, the input frequency, FREF, must be compared with the maximum
frequency limit noted in Table 107. If the input frequency (after division by FLLn_REFCLK_DIV) is higher than the applicable
limit, then the FLLn_REFCLK_DIV division ratio should be increased, and the value of N.K re-calculated. (Note that the
same value of FLLn_FRATIO as already calculated should be used, when deriving the new value of N.K.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com