Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 313 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 313 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 309Page - Cirrus Logic CS47L85 Datasheet HTML 310Page - Cirrus Logic CS47L85 Datasheet HTML 311Page - Cirrus Logic CS47L85 Datasheet HTML 312Page - Cirrus Logic CS47L85 Datasheet HTML 313Page - Cirrus Logic CS47L85 Datasheet HTML 314Page - Cirrus Logic CS47L85 Datasheet HTML 315Page - Cirrus Logic CS47L85 Datasheet HTML 316Page - Cirrus Logic CS47L85 Datasheet HTML 317Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 370 page
background image
CS47L85
Rev 4.3
313
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
FLL3_SYNC_DF
SAT
1
FLL3 Synchroniser Bandwidth
0 = Wide bandwidth
1 = Narrow bandwidth
Table 111 FLL3 Register Map
FREE-RUNNING FLL MODE
The FLL can generate a clock signal even when no external reference is available. This may be because the normal input
reference has been interrupted, or may be during a standby or start-up period when no initial reference clock is available.
Free-running FLL mode is enabled using the FLLn_FREERUN register. (Note that FLLn_ENA must also be enabled in Free-
running FLL mode.)
In Free-running FLL mode, the normal feedback mechanism of the FLL is halted, and the FLL oscillates independently of
the external input reference(s).
If the FLL was previously operating normally, (with an input reference clock), then the FLL output frequency will remain
unchanged when Free-running FLL mode is enabled. The FLL output will be independent of the input reference while
operating in free-running mode with FLLn_FREERUN=1.
The main FLL loop will always continue to free-run if the input reference clock is stopped (regardless of the FLLn_FREERUN
setting). If FLLn_FREERUN=0, the FLL will re-lock to the input reference whenever it is available.
In free-running mode, (with FLLn_FREERUN=1), the FLL integrator value (part of the feedback mechanism) can be
commanded directly using the FLLn_FRC_INTEG_VAL register. The integrator value in this register is applied to the FLL
when a ‘1’ is written to the FLLn_FRC_INTEG_UPD bit.
If the FLL is started up in free-running mode, (i.e., it was not previously running), then the default value of
FLLn_FRC_INTEG_VAL will be applied.
The FLL integrator value (part of the feedback mechanism) can be read from the FLLn_INTEG register; the value of this
field may be stored for later use. Note that the readback value of the FLLn_INTEG register is only valid when
FLLn_FREERUN=1, and the FLLn_INTEG_VALID bit is set.
The FLL integrator setting does not ensure a specific output frequency for the FLL across all devices and operating
conditions; some level of variation will apply.
The free-running FLL clock may be selected as the SYSCLK source or ASYNCCLK source as shown Figure 74.
The control registers applicable to Free-running FLL mode are described in Table 112.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R369
(0171h)
FLL1_Con
trol_1
1
FLL1_FREERUN
1
FLL1 Free-Running Mode Enable
0 = Disabled
1 = Enabled
The FLL feedback mechanism is halted in Free-Running
mode, and the latest integrator setting is maintained
R375
(0177h)
FLL1_Loo
p_Filter_T
est_1
15
FLL1_FRC_INTE
G_UPD
0
Write ‘1’ to apply the FLL1_FRC_INTEG_VAL setting.
(Only valid when FLL1_FREERUN=1)
11:0
FLL1_FRC_INTE
G_VAL [11:0]
281h
FLL1 Forced Integrator Value
R376
(0178h)
FLL1_NC
O_Test_0
15
FLL1_INTEG_VA
LID
0
FLL1 Integrator Valid
Indicates if the FLL1_INTEG register is valid
0 = Not valid
1 = Valid
11:0
FLL1_INTEG
[11:0]
000h
FLL1 Integrator Value (Read-only)
Indicates the current FLL1 integrator setting. Only valid
when FLL1_INTEG_VALID = 1.
R401
(0191h)
FLL2_Con
trol_1
1
FLL2_FREERUN
1
FLL2 Free-Running Mode Enable
0 = Disabled
1 = Enabled
The FLL feedback mechanism is halted in Free-Running
mode, and the latest integrator setting is maintained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com