Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 316 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 316 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 312Page - Cirrus Logic CS47L85 Datasheet HTML 313Page - Cirrus Logic CS47L85 Datasheet HTML 314Page - Cirrus Logic CS47L85 Datasheet HTML 315Page - Cirrus Logic CS47L85 Datasheet HTML 316Page - Cirrus Logic CS47L85 Datasheet HTML 317Page - Cirrus Logic CS47L85 Datasheet HTML 318Page - Cirrus Logic CS47L85 Datasheet HTML 319Page - Cirrus Logic CS47L85 Datasheet HTML 320Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 370 page
background image
CS47L85
316
Rev 4.3
FLL INTERRUPTS AND GPIO OUTPUT
For each FLL, the CS47L85
supports an ‘FLL Lock’ signal which indicates whether FLL Lock has been achieved (i.e., the
FLL is locked to the input reference signal).
The FLL Lock signals are inputs to the Interrupt control circuit and can be used to trigger an Interrupt event -
see “Interrupts”.
Note that these Interrupt signals are de-bounced, and require clocking to be present in order to assert the respective Interrupt;
either the 32kHz clock, or the SYSCLK signal, must be enabled to trigger an Interrupt from the FLL signals.
The FLL Lock signals can be output directly on a GPIO pin as an external indication of th
e FLL status. See “General Purpose
Input / Output
” to configure a GPIO pin for these functions. (These GPIO outputs are not de-bounced, and do not require
clocking to be present.)
Clock output signals derived from the FLL can be output on a GPIO pin.
See “General Purpose Input / Output” to configure
a GPIO pin for this function.
The FLL clocking configuration is illustrated in Figure 76.
EXAMPLE FLL CALCULATION
The following example illustrates how to derive the FLL1 registers to generate an oscillator frequency (FVCO) of 294.912 MHz
from a 12.000 MHz reference clock (FREF). This is suitable for generating SYSCLK at 98.304 MHz, and/or DSPCLK at
147.456 MHz.
Note that, for the purposes of this calculation, it is assumed that the synchroniser is disabled.
Set FLL1_REFCLK_DIV in order to generate FREF <=13.5MHz:
FLL1_REFCLK_DIV = 00 (divide by 1)
Set FLL1_FRATIO for the given reference frequency as shown in Table 106:
FREF = 12MHz, therefore FLL1_FRATIO = 0h (divide by 1)
Calculate N.K as given by N.K = FVCO / (FLL1_FRATIO x 3 x FREF):
N.K = 294.912 / (1 x 3 x 12) = 8.192
Confirm that a non-integer value has been calculated for N.K.
Confirm that the input frequency, FREF, is less than the applicable limit shown in Table 107.
Determine FLL1_N from the integer portion of N.K:-
FLL1_N = 8 (008h)
Determine GCD(FLL), as given by GCD(FLL) = GCD(FLL1_FRATIO x FREF, FVCO / 3):
GCD(FLL) = GCD(1 x 12000000, 294912000 / 3) = 96000
Determine FLL1_THETA, as given by
FLL1_THETA = ((FVCO / 3) - (FLL1_N x FLL1_FRATIO x FREF)) / GCD(FLL):
FLL1_THETA = ((294912000 / 3) - (8 x 1 x 12000000)) / 96000
FLL1_THETA = 24 (0018h)
Determine FLL_LAMBDA, as given by
FLL1_LAMBDA = (FLL1_FRATIO x FREF) / GCD(FLL):
FLL1_LAMBDA = (1 x 12000000) / 96000
FLL1_LAMBDA = 125 (007Dh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com