Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 314 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 314 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 310Page - Cirrus Logic CS47L85 Datasheet HTML 311Page - Cirrus Logic CS47L85 Datasheet HTML 312Page - Cirrus Logic CS47L85 Datasheet HTML 313Page - Cirrus Logic CS47L85 Datasheet HTML 314Page - Cirrus Logic CS47L85 Datasheet HTML 315Page - Cirrus Logic CS47L85 Datasheet HTML 316Page - Cirrus Logic CS47L85 Datasheet HTML 317Page - Cirrus Logic CS47L85 Datasheet HTML 318Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 370 page
background image
CS47L85
314
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R407
(0197h)
FLL2_Loo
p_Filter_T
est_1
15
FLL2_FRC_INTE
G_UPD
0
Write ‘1’ to apply the FLL2_FRC_INTEG_VAL setting.
(Only valid when FLL2_FREERUN=1)
11:0
FLL2_FRC_INTE
G_VAL [11:0]
000h
FLL2 Forced Integrator Value
R408
(0198h)
FLL2_NC
O_Test_0
15
FLL2_INTEG_VA
LID
0
FLL2 Integrator Valid
Indicates if the FLL2_INTEG register is valid
0 = Not valid
1 = Valid
11:0
FLL2_INTEG
[11:0]
000h
FLL2 Integrator Value
(Read-only)
Indicates the current FLL2 integrator setting. Only valid
when FLL2_INTEG_VALID = 1.
R433
(01B1h)
FLL3_Con
trol_1
1
FLL3_FREERUN
1
FLL3 Free-Running Mode Enable
0 = Disabled
1 = Enabled
The FLL feedback mechanism is halted in Free-Running
mode, and the latest integrator setting is maintained
R439
(01B7h)
FLL3_Loo
p_Filter_T
est_1
15
FLL3_FRC_INTE
G_UPD
0
Write ‘1’ to apply the FLL3_FRC_INTEG_VAL setting.
(Only valid when FLL3_FREERUN=1)
11:0
FLL3_FRC_INTE
G_VAL [11:0]
000h
FLL3 Forced Integrator Value
R440
(01B8h)
FLL3_NC
O_Test_0
15
FLL3_INTEG_VA
LID
0
FLL3 Integrator Valid
Indicates if the FLL3_INTEG register is valid
0 = Not valid
1 = Valid
11:0
FLL3_INTEG
[11:0]
000h
FLL3 Integrator Value
(Read-only)
Indicates the current FLL3 integrator setting. Only valid
when FLL3_INTEG_VALID = 1.
Table 112 Free-Running FLL Mode Control
SPREAD SPECTRUM FLL CONTROL
The CS47L85 can apply modulation to the FLL outputs, using spread spectrum techniques. This can be used to control the
EMI characteristics of the circuits that are clocked via the FLLs.
Each of the FLLs can be individually configured for Triangle modulation, Zero Mean Frequency Modulation (ZMFM) or Dither.
The amplitude and frequency parameters of the spread spectrum functions is also programmable, using the registers
described in Table 113.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R393
(0189h)
FLL1_Spr
ead_Spect
rum
5:4
FLL1_SS_AMPL
[1:0]
00
FLL1 Spread Spectrum Amplitude
Controls the extent of the spread-spectrum modulation.
00 = 0.7% (triangle), 0.7% (ZMFM, dither)
01 = 1.1% (triangle), 1.3% (ZMFM, dither)
10 = 2.3% (triangle), 2.6% (ZMFM, dither)
11 = 4.6% (triangle), 5.2% (ZMFM, dither)
3:2
FLL1_SS_FREQ
[1:0]
00
FLL1 Spread Spectrum Frequency
Controls the spread spectrum modulation frequency in
Triangle mode.
00 = 439kHz
01 = 878kHz
10 = 1.17MHz
11 = 1.76MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com