Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 315 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 315 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 311Page - Cirrus Logic CS47L85 Datasheet HTML 312Page - Cirrus Logic CS47L85 Datasheet HTML 313Page - Cirrus Logic CS47L85 Datasheet HTML 314Page - Cirrus Logic CS47L85 Datasheet HTML 315Page - Cirrus Logic CS47L85 Datasheet HTML 316Page - Cirrus Logic CS47L85 Datasheet HTML 317Page - Cirrus Logic CS47L85 Datasheet HTML 318Page - Cirrus Logic CS47L85 Datasheet HTML 319Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 370 page
background image
CS47L85
Rev 4.3
315
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
FLL1_SS_SEL
[1:0]
00
FLL1 Spread Spectrum Select
00 = Disabled
01 = Zero Mean Frequency (ZMFM)
10 = Triangle
11 = Dither
R425
(01A9h)
FLL2_Spr
ead_Spect
rum
5:4
FLL2_SS_AMPL
[1:0]
00
FLL2 Spread Spectrum Amplitude
Controls the extent of the spread-spectrum modulation.
00 = 0.7% (triangle), 0.7% (ZMFM, dither)
01 = 1.1% (triangle), 1.3% (ZMFM, dither)
10 = 2.3% (triangle), 2.6% (ZMFM, dither)
11 = 4.6% (triangle), 5.2% (ZMFM, dither)
3:2
FLL2_SS_FREQ
[1:0]
00
FLL2 Spread Spectrum Frequency
Controls the spread spectrum modulation frequency in
Triangle mode.
00 = 439kHz
01 = 878kHz
10 = 1.17MHz
11 = 1.76MHz
1:0
FLL2_SS_SEL
[1:0]
00
FLL2 Spread Spectrum Select
00 = Disabled
01 = Zero Mean Frequency (ZMFM)
10 = Triangle
11 = Dither
R457
(01C9h)
FLL3_Spr
ead_Spect
rum
5:4
FLL3_SS_AMPL
[1:0]
00
FLL3 Spread Spectrum Amplitude
Controls the extent of the spread-spectrum modulation.
00 = 0.7% (triangle), 0.7% (ZMFM, dither)
01 = 1.1% (triangle), 1.3% (ZMFM, dither)
10 = 2.3% (triangle), 2.6% (ZMFM, dither)
11 = 4.6% (triangle), 5.2% (ZMFM, dither)
3:2
FLL3_SS_FREQ
[1:0]
00
FLL3 Spread Spectrum Frequency
Controls the spread spectrum modulation frequency in
Triangle mode.
00 = 439kHz
01 = 878kHz
10 = 1.17MHz
11 = 1.76MHz
1:0
FLL3_SS_SEL
[1:0]
00
FLL3 Spread Spectrum Select
00 = Disabled
01 = Zero Mean Frequency (ZMFM)
10 = Triangle
11 = Dither
Table 113 FLL Spread Spectrum Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com