Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 319 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 319 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 315Page - Cirrus Logic CS47L85 Datasheet HTML 316Page - Cirrus Logic CS47L85 Datasheet HTML 317Page - Cirrus Logic CS47L85 Datasheet HTML 318Page - Cirrus Logic CS47L85 Datasheet HTML 319Page - Cirrus Logic CS47L85 Datasheet HTML 320Page - Cirrus Logic CS47L85 Datasheet HTML 321Page - Cirrus Logic CS47L85 Datasheet HTML 322Page - Cirrus Logic CS47L85 Datasheet HTML 323Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 370 page
background image
CS47L85
Rev 4.3
319
CONTROL INTERFACE
The CS47L85 is controlled by writing to its control registers. Readback is available for all registers. Three independent
Control Interfaces are provided, giving flexible capability as described below. Note that the SLIMbus interface also supports
read/write access to the CS47L85 control registers -
see “SLIMbus Interface Control”.
Register access is possible on all of the Control Interfaces (including SLIMbus) simultaneously. Note that the Control
Interface function can be supported with or without system clocking - there is no requirement for SYSCLK, or any other
system clock, to be enabled when accessing the register map.
The CS47L85 executes a Boot Sequence following Power-On Reset (POR), Hardware Reset, Software Reset or Wake-Up
(from Sleep mode). Note that Control Register writes should not be attempted until the Boot Sequence has completed. See
“Power-On Reset (POR)” for further details.
A summary of the CS47L85 Control Interfaces is described in Table 116.
CONTROL
INTERFACE
DESCRIPTION
PIN FUNCTIONS
POWER
DOMAIN
CIF1
4-wire (SPI) interface
CIF1MISO - data output
CIF1MOSI - data input
CIF1SCLK - interface clock input
CIF1SS
¯¯¯¯¯¯ -
‘slave select’ input
DBVDD1
CIF2
2-wire (I2C) interface
CIF2SCLK - interface clock input
CIF2SDA - data input/output
DBVDD1
CIF3
4-wire (SPI) interface
CIF3MISO - data output
CIF3MOSI - data input
CIF3SCLK - interface clock input
CIF3SS
¯¯¯¯¯¯ -
‘slave select’ input
DBVDD3
Table 116 Control Interface Summary
The CS47L85 provides an integrated pull-down resistor on the CIF1MISO pin. This provides a flexible capability for
interfacing with other devices. The pull-down is enabled using the CIF1MISO_PD control bit, as described in Table 117.
Note that there is no pull-down available on the CIF3MISO pin. An external resistor (e.g., 47k
) should be used here, if
required.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
(0008h)
Ctrl_IF_C
FG_1
7
CIF1MISO_PD
0
CIF1MISO Pull-Down Control
0 = Disabled
1 = Enabled
Table 117 Control Interface Pull-Down
A detailed description of the 2-wire (I2C) interface and 4-wire (SPI) interface modes is provided in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com