Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 320 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 320 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 316Page - Cirrus Logic CS47L85 Datasheet HTML 317Page - Cirrus Logic CS47L85 Datasheet HTML 318Page - Cirrus Logic CS47L85 Datasheet HTML 319Page - Cirrus Logic CS47L85 Datasheet HTML 320Page - Cirrus Logic CS47L85 Datasheet HTML 321Page - Cirrus Logic CS47L85 Datasheet HTML 322Page - Cirrus Logic CS47L85 Datasheet HTML 323Page - Cirrus Logic CS47L85 Datasheet HTML 324Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 370 page
background image
CS47L85
320
Rev 4.3
4-WIRE (SPI) CONTROL MODE
The 4-wire (SPI) Control Interface mode is supported on CIF1 and CIF3, and uses the corresponding SS
¯¯ , SCLK, MOSI and
MISO pins.
In Write operations (R/W=0), the MOSI pin input is driven by the controlling device.
In Read operations (R/W=1), the MOSI pin is ignored following receipt of the valid register address.
When SS
¯¯ is asserted (logic 0), the MISO output is actively driven when outputting data, and is high impedance at other
times. When SS
¯¯ is not asserted, the MISO output is high impedance.
The high impedance state of the MISO output allows the pin to be shared with other slaves. An internal pull-down resistor
can be enabled on the CIF1MISO pin, as described in Table 117.
Data transfers on CIF1 or CIF3 must use the applicable SPI message format, according to the register address space that
is being accessed:
When accessing register addresses below R12288 (3000h), the applicable SPI protocol comprises a 31-bit
register address, and 16-bit data words.
When accessing register addresses from R12888 (3000h) upwards, the applicable SPI protocol comprises a 31-
bit register address, and 32-bit data words.
Note that, in all cases, the complete SPI message protocol also includes a Read/Write bit, and a 16-
bit ‘padding’
phase (see Figure 77 and Figure 78 below).
Continuous read and write modes enable multiple register operations to be scheduled faster than is possible with single
register operations. In these modes, the CS47L85 will automatically increment the register address at the end of each data
word, for as long as SS
¯¯ is held low and SCLK is toggled. Successive data words can be input/output every 16 (or 32) clock
cycles (depending on the applicable register address space).
The 4-wire (SPI) protocol is illustrated in Figure 77 and Figure 78. Note that 16-bit data words are shown, but the equivalent
protocol also applies to 32-bit data words.
A30
MOSI
SCLK
31-bit register address
16-bit data word
R/W
SS
A29
X
X
X
X
B14
B0
B1
A1
A0
B15
16-bit padding
Figure 77 Control Interface 4-wire (SPI) Register Write (16-bit Data Words)
A30
MOSI
SCLK
31-bit register address
16-bit data word
MISO
R/W
SS
A29
X
X
X
X
X
X
X
B14
B0
B1
A1
A0
X
B15
16-bit padding
Figure 78 Control Interface 4-wire (SPI) Register Read (16-bit Data Words)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com