Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 25 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 21Page - Microchip Technology MEC1632 Datasheet HTML 22Page - Microchip Technology MEC1632 Datasheet HTML 23Page - Microchip Technology MEC1632 Datasheet HTML 24Page - Microchip Technology MEC1632 Datasheet HTML 25Page - Microchip Technology MEC1632 Datasheet HTML 26Page - Microchip Technology MEC1632 Datasheet HTML 27Page - Microchip Technology MEC1632 Datasheet HTML 28Page - Microchip Technology MEC1632 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 25
MEC1632
3.5.10
MISCELLANEOUS FUNCTIONS
TABLE 3-15:
MISCELLANEOUS FUNCTIONS
Note 3-5
The KBRST pin function is the output of CPU_RESET described in Section 10.14, "CPU_RESET
Hardware Speed-Up," on page 203.
Note 3-6
When the CLK_SRC bit is ‘1’ in the UARTConfiguration Select register (See page 238), the baud
clock is externally sourced from the UART_CLK pin. UART_CLK requires a frequency of 1.8432
MHz
± 2%.
Note 3-7
The nRESET_OUT pin function is an external output signal version of the internal signal
nSIO_RESET. See the iRESET OUT bit in the Block Sleep Enable Registers on page 136.
3.5.11
PS/2 INTERFACE
TABLE 3-16:
PS/2 INTERFACE
MISC Functions
(17 Pins)
Pin Ref. Number
Signal Name
Description
Notes
151
A20M
KBD GATEA20 Output
29
KBRST
CPU_RESET
162
LED0
LED Output 1
Note 9
163
LED1
LED Output 2
Note 9
164
LED2
LED Output 3
Note 9
121
MSCLK
Microchip Proprietary EC debug port
122
MSDATA
Microchip Proprietary EC debug port
95
UART_CLK
UART CLK input
135
UART_RX
UART RX Input
Note 4
134
UART_TX
UART TX Output
Note 4
20
VCC_PWRGD
System Main Power Indication
Note 8
25
RC_ID
RC Identification Detection
18
RESETI#
System Reset Input
19
RESETO#
System Reset Output
Note 7
153
CEC_IN
HDMI-CEC control bus input
152
CEC_OUT
HDMI-CEC control bus output
21
nRESET_OUT
EC-driven External System Reset
PS/2 Interface
(10 Pins)
Pin Ref. Number
Signal Name
Description
Notes
140
PS2_CLK0B
PS/2 clock ouput
Note 6
141
PS2_DAT0B
PS/2 data
Note 6
103
PS2_CLK2
PS/2 clock ouput
104
PS2_DAT2
PS/2 data
105
PS2_CLK1A
PS/2 clock ouput
Note 6
106
PS2_DAT1A
PS/2 data
Note 6
107
PS2_CLK0A
PS/2 clock ouput
Note 6
108
PS2_DAT0A
PS/2 data
Note 6
142
PS2_CLK1B
PS/2 clock ouput
Note 6
143
PS2_DAT1B
PS/2 data
Note 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com