Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 51 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 51 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 47Page - Microchip Technology MEC1632 Datasheet HTML 48Page - Microchip Technology MEC1632 Datasheet HTML 49Page - Microchip Technology MEC1632 Datasheet HTML 50Page - Microchip Technology MEC1632 Datasheet HTML 51Page - Microchip Technology MEC1632 Datasheet HTML 52Page - Microchip Technology MEC1632 Datasheet HTML 53Page - Microchip Technology MEC1632 Datasheet HTML 54Page - Microchip Technology MEC1632 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 51
MEC1632
TABLE 3-45:
MULTIPLEXING TABLE (20 OF 21)
Pin Ref.
Number
MUX
Signal
Buffer Type
Signal
Power Well
Emulated
Power Well
Gated
State
Notes
153
Default: 0
GPIO036
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
153
1
CEC_IN
I
VTR
VTR
Low
153
2
Reserved
Reserved
Reserved
Reserved
153
3
Reserved
Reserved
Reserved
Reserved
154
Default: 0
GPIO045
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
154
1 LSBCM_D_INT#
I
VTR
VTR
Low
154
2
KSO1
(O/OD)-8T mA
VTR
VTR
154
3
Reserved
Reserved
Reserved
Reserved
155
Default: 0
GPIO046
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
155
1 LSBCM_D_DAT
IO-8 mA
VTR
VTR
Low
Note 3
155
2
KSO2
(O/OD)-8 mA
VTR
VTR
155
3
Reserved
Reserved
Reserved
Reserved
156
Default: 0
GPIO047
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
156
1 LSBCM_D_CLK
O-8 mA
VTR
VTR
156
2
KSO3
(O/OD)-8 mA
VTR
VTR
156
3
Reserved
Reserved
Reserved
Reserved
157
Default: 0
GPIO121
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
157
1
BCM_A_INT#
I
VTR
VTR
Low
157
2
KSO8
(O/OD)-8T mA
VTR
VTR
157
3
Reserved
Reserved
Reserved
Reserved
158
Default: 0
GPIO122
(I/O/OD)-16 mA
VTR
VTR/VCC
No Gate
158
1
BCM_A_DAT
IO-16 mA
VTR
VTR
Low
Note 3
158
2
KSO9
(O/OD)-16 mA
VTR
VTR
158
3
Reserved
Reserved
Reserved
Reserved
159
Default: 0
GPIO123
(I/O/OD)-16 mA
VTR
VTR/VCC
No Gate
159
1
BCM_A_CLK
O-16 mA
VTR
VTR
159
2
KSO10
(O/OD)-16 mA
VTR
VTR
159
3
Reserved
Reserved
Reserved
Reserved
160
Default: 0
GPIO126
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
160
1
KSO13
(O/OD)-8T mA
VTR
VTR
160
2
Reserved
Reserved
Reserved
Reserved
160
3
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com