Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 1 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 1 Page - Microchip Technology

  MEC1632 Datasheet HTML 1Page - Microchip Technology MEC1632 Datasheet HTML 2Page - Microchip Technology MEC1632 Datasheet HTML 3Page - Microchip Technology MEC1632 Datasheet HTML 4Page - Microchip Technology MEC1632 Datasheet HTML 5Page - Microchip Technology MEC1632 Datasheet HTML 6Page - Microchip Technology MEC1632 Datasheet HTML 7Page - Microchip Technology MEC1632 Datasheet HTML 8Page - Microchip Technology MEC1632 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 1
Highlights
• 3.3V Operation
• ACPI Compliant
• LPC Interface
• VTR (standby) and VBAT Power Planes
- Low Standby Current in Sleep Mode
• Configuration Register Set
- Compatible with ISA Plug-and-Play Standard
- EC-Programmable Base Address
• ARC-625D Embedded Controller (EC)
- 16 KB Single Cycle 32-bit Wide Dual-ported
SRAM, Accessible as Closely Coupled Data
Memory and Instruction Memory
- 4KB Boot ROM
- 32 x 32
 64 Fast Multiply
- Divide Assist and Saturation Arithmetic
- Maskable Interrupt Aggregator/Accelerator
Interface
- Maskable Hardware Wake-Up Events
- Sleep mode
- JTAG Debug Port, Includes JTAG Master
- MCU Serial Debug Port
-1
S Delay Register
- 10-Channel DMA Interface Supports SMBus
Controllers and EC/Host GP-SPI Controllers
• Embedded Flash
- 192 KB user space, 32-bit Access, 10 K
Cycles Endurance
- Flash Security Enhancements
–4K Boot Block Protection
–Direct JTAG and Direct LPC-protected (2) Pages at
or Near Top of Memory for Password Protection
- Multiple Flash Programming Options
–JTAG programmable
–BIOS programmable
–Programmable by EC at Power-on Using UART
–Programmable on a Gang Programmer via Gang-
programmer Interface
• Embedded Non-volatile Read/Write Memory
- 2 KB of EEPROM, Single Byte Access, 250K
Cycles Endurance
- 8-byte Block Erasable, 128 Blocks
- Independent of main Flash memory
• Legacy Support
- Fast GATEA20 & Fast CPU_RESET
• System to EC Message Interface
- 8042 Style Host Interface
- Embedded Memory Interface
- Host Serial or Parallel IRQ Source
- Provides Two Windows to On-Chip SRAM for Host
Access
- Two Register Mailbox Command Interface
- Host Access of Virtual Registers Without EC
Intervention
- Mailbox Registers Interface
- Thirty-two 8-Bit Scratch Registers
- Two Register Mailbox Command Interface
- Two Register SMI Source Interface
- ACPI Embedded Controller Interface
- Four Instances
- 1 or 4 Byte Data transfer capable
- Full-duplex Register Access
- ACPI Power Management Interface
- SCI Event-Generating Functions
• Battery Backed Resources
- Power-Fail Status Register
- 32 KHz Clock Generator
- Week Alarm Timer Interface with Program-
mable Wake-up from 1ms to 45 Days
- VBAT-Powered Control Interface
- Six Wake-up Input Signals
- Optional Latching of Wake-up Inputs
- VBAT-Backed 64 Byte Memory
• Four EC-based SMBus 2.0 Host Controllers
- Allows Master or Dual Slave Operation
- Controllers are Fully Operational on Standby
Power
- DMA-driven I2C Network Layer Hardware
-I2C Datalink Compatibility Mode
- Multi-Master Capable
- Supports Clock Stretching
- Programmable Bus Speed up to 400KHz
- Hardware Bus Access “Fairness” Interface
- SMBus Time-outs Interface
- AMD-TSI Port
- 12 Ports Assignable to Any Controller
- 3 SMBus Isolation Switches
- Three Pairs of Ports Can Be Joined
• PECI Interface 3.0
MEC1632
Low Power 32-Bit Mobile Embedded Controller


Similar Part No. - MEC1632

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MEC1633 MICROCHIP-MEC1633 Datasheet
320Kb / 11P
Low Power 32-Bit Mobile Embedded Controller
03/25/14
More results

Similar Description - MEC1632

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
32-bit Embedded Controller
logo
Motorola, Inc
MC68EC030 MOTOROLA-MC68EC030 Datasheet
392Kb / 36P
Second-Generation 32-Bit Enhanced Embedded Controller
logo
National Semiconductor ...
PC87591L-N05 NSC-PC87591L-N05 Datasheet
4Mb / 401P
LPC Mobile Embedded Controller
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
32-bit Embedded Controller Division
MC68EC030 FREESCALE-MC68EC030 Datasheet
394Kb / 36P
Second-Generation 32-Bit Enhanced Embedded Controller
logo
Winbond
W83L951ADG WINBOND-W83L951ADG Datasheet
1Mb / 134P
Mobile Keyboard and Embedded Controller
logo
Freescale Semiconductor...
MC68EC030FE40C FREESCALE-MC68EC030FE40C Datasheet
387Kb / 36P
Second-Generation 32-Bit Enhanced Embedded Controller
logo
Microchip Technology
MM7150 MICROCHIP-MM7150 Datasheet
316Kb / 28P
High Performance 32-bit Embedded Controller
01/27/15
MEC1633 MICROCHIP-MEC1633 Datasheet
320Kb / 11P
Low Power 32-Bit Mobile Embedded Controller
03/25/14
logo
NXP Semiconductors
MC68EC030 NXP-MC68EC030 Datasheet
523Kb / 36P
Second-Generation 32-Bit Enhanced Embedded Controller
Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com