Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 69 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 69 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 65Page - Microchip Technology MEC1632 Datasheet HTML 66Page - Microchip Technology MEC1632 Datasheet HTML 67Page - Microchip Technology MEC1632 Datasheet HTML 68Page - Microchip Technology MEC1632 Datasheet HTML 69Page - Microchip Technology MEC1632 Datasheet HTML 70Page - Microchip Technology MEC1632 Datasheet HTML 71Page - Microchip Technology MEC1632 Datasheet HTML 72Page - Microchip Technology MEC1632 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 69
MEC1632
Note 5-1
In order to avoid address conflict with the Keyboard Controller (8042) LDN 1h at legacy at LPC I/O
address 60h/64h, only ACPI EC Channel 0 LDN 2h at AHB base address FF_0800h should be
located at the legacy LPC I/O address 62h/66h. When operating both the Keyboard Controller (8042)
and ACPI EC Channel 0 at legacy LPC I/O addresses 60h/62h/64h/66h, the Mask value in ACPI EC
Channel 0 BAR should be programmed to 4h and the ACPI EC Channel 0, Byte Control EC-Register
should remain 0. To utilize the ACPI EC Channel 0 in Non Legacy Operation the ACPI EC Channel
0 BAR must be placed on LPC I/O 8 byte boundary. Only bits[3:0] in the Mask field of ACPI EC
Channel 0 BAR are programmable, bits[6:4] are read-only ‘000’.
Note 5-2
The ACPI EC Channel 1, ACPI EC Channel 2 and ACPI EC Channel 3 (LDN 3h, 4h and 5h) can not
be located at the legacy LPC I/O address 62h/66h. The ACPI EC Channel 1, ACPI EC Channel 2
and ACPI EC Channel 3 BAR’s must be placed on LPC I/O 8 byte boundaries.
TABLE 5-6:
BASE ADDRESS REGISTERS DEFAULT VALUES
Bar EC
Offset
LPC
Offset
Reset
Default
LPC I/O
Address
Valid
Frame
Mask
Description
360h
60h
002E_0C01h
002Eh
0
C
1
Logical Device 0Ch:
LPC Interface
(Configuration Port)
364h
64h
0000_0001h
0000h
0
0
1
Logical Device 00h:
Mailbox Register I/F
368h
68h
0060_0104h
0000h
0
1
4
Logical Device 01h:
Keyboard Controller
(8042 Interface)
36Ch
6Ch
0062_0204h
0062h
0
2
4
Logical Device 02h:
ACPI EC Interface 0
370h
70h
0062_0307h
0062h
0
3
7
Logical Device 03h:
ACPI EC Interface 1
374h
74h
0062_0407h
0062h
0
4
7
Logical Device 04h:
ACPI EC Interface 2
378h
78h
0062_0507h
0062h
0
5
7
Logical Device 05h:
ACPI EC Interface 3
37Ch
7Ch
0000_0607h
0000h
0
6
7
Logical Device 06h:
ACPI PM1 Interface
380h
80h
0000_0707h
0000h
0
7
7
Logical Device 07h:
UART
384h
84h
0092_0800h
0092h
0
8
0
Logical Device 08h:
Legacy (GATEA20) I/F
388h
88h
0000_0E04h
0000h
0
E
4
Logical Device 0Eh:
Embedded Flash Interface
38Ch
8Ch
0000_0F07h
0000h
0
F
07h
Logical Device 0Fh:
GPSPI for Flash Interface
390h
90h
0000_100Fh
0000h
0
10h
Fh
Logical Device 10h. EM
Interface
398h
98h
0000_2000h
0000h
0
20h
0
Logical Device 20h. BIOS
Debug Port 0
39Ch
9Ch
0000_2100h
0000h
0
21h
0
Logical Device 21h.
BIOS Debug Port 1
3A0h
A0h
0000_111Fh
0000h
0
11h
1Fh
Logical Device 11h.
Real Time Clock
3B0h-
3ECh
B0h -
ECh
0000_0000h
0000h
0
0
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com