Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 96 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 96 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 92Page - Microchip Technology MEC1632 Datasheet HTML 93Page - Microchip Technology MEC1632 Datasheet HTML 94Page - Microchip Technology MEC1632 Datasheet HTML 95Page - Microchip Technology MEC1632 Datasheet HTML 96Page - Microchip Technology MEC1632 Datasheet HTML 97Page - Microchip Technology MEC1632 Datasheet HTML 98Page - Microchip Technology MEC1632 Datasheet HTML 99Page - Microchip Technology MEC1632 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 636 page
background image
MEC1632
DS00001592B-page 96
 2012-2018 Microchip Technology Inc.
7.3
Port List
TABLE 7-4:
Power, Clocks, and Resets Port List
Signal Name
Direction
Source
Destination
Description
ARC_CLK_DIS-
ABLE
Input
External -
Embedded
Controller Core
(EC)
Internal - EC
Power State Con-
trols
Indication for the Power Management
Interface (see Section 7.4.10 on
page 111) that an EC Sleep instruction
has occurred and the processor is
sleeping or halted.
SLEEP_STATE
Output
Internal - EC
Power State
Controls
Internal - 20 MHz
Oscillator Control
and External
Functions as
Needed.
System Sleeping State status indicator
as described in "EC Power State Con-
trols," on page 115.
SLEEP_FLAG
Output
Clock Control
Register
Internal - 20 MHz
Oscillator Con-
trol, Block Sleep
Enables and
External Func-
tions as Needed.
Sleep indicator from the Clock Control
Register. See also "EC Power State
Controls," on page 115 and "Block Sleep
Enables," on page 117.
PCI_CLK
Input
External
Internal Test
Functions
33 MHz PCI Clock Input (also TEST_-
CLK_IN).
LRESET#
Input
External
Internal
PCI Reset. See Section 7.7.3, "LPC
RESET," on page 129.
WAKE
Input
External
Internal - Wake
Interface
Aggregated Wake indicator from the
Section 17.0, "EC Interrupt Aggregator,"
on page 287 for the Power Management
Interface (see Section 7.4.10 on
page 111).
WDT_ALRT
Input
External
Internal - Reset
Interface
Causes a Watch-Dog Timer Forced
Reset as described in Section 7.7.4,
"Watch-Dog Timer Forced Reset," on
page 130.
ALL BLOCK
SLEEP ENABLE
OUTPUTS
Output
Internal - Block
Sleep Enables
External - Sleep-
able Blocks
To all blocks as defined in Section 7.8.4,
"Block Sleep Enable Registers," on
page 136. See also "Block Sleep
Enables," on page 117
MCLK,
EC_BUS_CLK_EN,
LPC_BUS_CLK_EN,
MCLK_DIV1_EN,
MCLK_DIV2_EN,
MCLK_DIV4_EN,
MCLK_DIV8_EN,
MCLK_DIV10_EN,
MCLK_DIV16_EN,
MCLK_DIV20_EN,
MCLK_DIV32_EN,
MCLK_DIV64_EN,
MCLK_DIV128_EN,
MCLK_DIV203_EN,
MCLK_5HZ_EN,
MCLK_DIV20_EN_HST,
X32K_CLK
Output
Internal - MCLK
Sourced Clock-
ing and 32K
Clock Domain
External
See Section 7.4.11, "MCLK Sourced
Clocking," on page 120 and Section
7.4.12, "32K Clock Domain," on
page 121.
XTAL1
Input
External
Internal - 32.768
KHz Crystal
Oscillator
32.768 KHz Crystal Oscillator
crystal input pin.
XTAL2
Output
External
Internal - 32.768
KHz Crystal
Oscillator
32.768 KHz Crystal Oscillator
crystal output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com