Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 26 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 22Page - Microchip Technology MEC1632 Datasheet HTML 23Page - Microchip Technology MEC1632 Datasheet HTML 24Page - Microchip Technology MEC1632 Datasheet HTML 25Page - Microchip Technology MEC1632 Datasheet HTML 26Page - Microchip Technology MEC1632 Datasheet HTML 27Page - Microchip Technology MEC1632 Datasheet HTML 28Page - Microchip Technology MEC1632 Datasheet HTML 29Page - Microchip Technology MEC1632 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 636 page
background image
MEC1632
DS00001592B-page 26
 2012-2018 Microchip Technology Inc.
3.5.12
POWER INTERFACE
TABLE 3-17:
POWER INTERFACE
APPLICATION NOTE:
VBAT to VTR switching must be done externally as described in Section 7.7.1, "Power Mux,"
on page 129.
Pin Ref. Number
Signal Name
Description
Notes
2
BGND
VBAT associated ground
3
VBAT
VBAT supply
28
VR_CAP
Internal Voltage Regulator Output (Capacitor
Required)
24
VSS0
VTR associated ground 0
110
VSS1
VTR associated ground 1
166
VSS2
VTR associated ground 2
22
VSS_RO
VTR associated ground used for ring
ocsillator.
23
VTR0
VTR supply 0
109
VTR1
VTR supply 1
58
VTR2
VTR supply 2
36
VTR3
VTR supply 3
49
VSS_ADC
Analog ADC VTR associated ground
27
VTR_REG
VTR Internal Voltage Regulator Supply
94
VTR_FLASH
VTR Internal Flash Supply
31
AVTR_ADC
Analog ADC VTR associated Supply
169
VSS_XTAL
Ground associated with XTAL pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com