Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 48 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 48 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 44Page - Microchip Technology MEC1632 Datasheet HTML 45Page - Microchip Technology MEC1632 Datasheet HTML 46Page - Microchip Technology MEC1632 Datasheet HTML 47Page - Microchip Technology MEC1632 Datasheet HTML 48Page - Microchip Technology MEC1632 Datasheet HTML 49Page - Microchip Technology MEC1632 Datasheet HTML 50Page - Microchip Technology MEC1632 Datasheet HTML 51Page - Microchip Technology MEC1632 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 636 page
background image
MEC1632
DS00001592B-page 48
 2012-2018 Microchip Technology Inc.
TABLE 3-42:
MULTIPLEXING TABLE (17 OF 21)
Pin Ref.
Number
MUX
Signal
Buffer Type
Signal
Power Well
Emulated
Power Well
Gated
State
Notes
129
Default: 0
GPIO145
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
129
1
SMB09_DATA
IOD-8 mA
VTR
VTR
High
129
2
JTAG_TDI
I
VTR
VTR
Low
129
3
Reserved
Reserved
Reserved
Reserved
130
Default: 0
GPIO146
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
130
1
SMB09_CLK
IOD-8 mA
VTR
VTR
High
130
2
JTAG_TDO
O-8 mA
VTR
VTR
130
3
Reserved
Reserved
Reserved
Reserved
131
Default: 0
GPIO147
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
131
1
SMB08_DATA
IOD-8 mA
VTR
VTR
High
131
2
Reserved
Reserved
Reserved
Reserved
131
3
JTAG_CLK
I
VTR
VTR
Low
132
Default: 0
GPIO150
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
132
1
SMB08_CLK
IOD-8 mA
VTR
VTR
High
132
2
Reserved
Reserved
Reserved
Reserved
132
3
JTAG_TMS
I
VTR
VTR
Low
133
Default: 0
JTAG_RST#
IS
VTR
VTR
No Gate
Note 5
133
1
Reserved
Reserved
Reserved
Reserved
133
2
Reserved
Reserved
Reserved
Reserved
133
3
Reserved
Reserved
Reserved
Reserved
134
Default: 0
GPIO104
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
134
1
UART_TX
O-8 mA
VTR
VTR/VCC
Note 4
134
2
Reserved
Reserved
Reserved
Reserved
134
3
Reserved
Reserved
Reserved
Reserved
135
Default: 0
GPIO105
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
135
1
UART_RX
I
VTR
VTR/VCC
Low
Note 4
135
2
Reserved
Reserved
Reserved
Reserved
135
3
Reserved
Reserved
Reserved
Reserved
136
Default: 0
GPIO141
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
136
1
SMB05_DATA
IOD-8 mA
VTR
VTR
High
136
2
PWM14
(O/OD)-8 mA
VTR
VTR
136
3
FLSCLK
O-8 mA
VTR
VTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com