Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 31 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 27Page - Microchip Technology MEC1632 Datasheet HTML 28Page - Microchip Technology MEC1632 Datasheet HTML 29Page - Microchip Technology MEC1632 Datasheet HTML 30Page - Microchip Technology MEC1632 Datasheet HTML 31Page - Microchip Technology MEC1632 Datasheet HTML 32Page - Microchip Technology MEC1632 Datasheet HTML 33Page - Microchip Technology MEC1632 Datasheet HTML 34Page - Microchip Technology MEC1632 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 31
MEC1632
3.6.2.2
MUX
If the pin has an associated GPIO, then the MUX column refers to the Mux Control field in the GPIO Pin Control Register.
Setting the Mux Control field to value listed in the row will configure the pin for the signal listed in the Signal column on
the same row. The row marked “Default” is the setting that is assigned on system reset.
If there is no GPIO associated with a pin, then the pin has a single function.
3.6.2.3
Signal
This column lists the signals that can appear on each pin, as configured by the MUX control.
3.6.2.4
Buffer Type
Pin buffer types are defined in Table 45-4, “DC Electrical Characteristics,” on page 604.
GPIO pins with the (I/O/OD) buffer type are configurable to operate as an I, an IO, or an IOD type buffer. The user may
use this GPIO signal as an input only, an output only, or an I/O pin. Following the closing parenthesis is a value
expressed in terms of mA, which indicates the output drive strength when the pin is configured as a buffer of type O or
OD. The buffer is configured by the Output Buffer Type field in the GPIO Pin Control Register.
For signals that are multiplexed with GPIOs the following rules apply
• Buffer Type Notation (O/OD)-mA. Output buffer configuration options are programmed in the GPIO Pin Control
Register.
• All other Buffer Type Notations. The buffer configuration is controlled by the logic driving the signal. When the
GPIO mux control is configured for these signals, the Output Buffer Type field must be configured for Push-Pull.
3.6.2.5
Signal Power Well
This column defines the power well that powers the pin.
3.6.2.6
Emulated Power Well
For GPIOs, the emulated power well is defined by the Power Gating Signals field in the GPIO Pin Control Register. All
GPIOs can be configured for VCC power well emulation, as defined in Section 3.6.1, "VCC Power Domain Emulation".
Power well emulation for signals that are multiplexed with GPIO signals is controlled by the GPIO Power Gating config-
uration. Entries for these signals in the following tables represent typical applications.
Power well emulating for signals that are not multiplexed with GPIO signals is defined by the entries in this column.
When VCC_PWRGD is low outputs for these signals are tri-stated; internal values for these signals are gated according
to the entries in the Gated State column.
3.6.2.7
Gated State
This column defines the internal value of a signal when either its emulated power well is inactive or it is not selected by
the GPIO alternate function multiplexor. A value of “No Gate” means that the internal signal always follows the pin even
when the emulated power well is inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com