Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 7 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 3Page - Microchip Technology MEC1632 Datasheet HTML 4Page - Microchip Technology MEC1632 Datasheet HTML 5Page - Microchip Technology MEC1632 Datasheet HTML 6Page - Microchip Technology MEC1632 Datasheet HTML 7Page - Microchip Technology MEC1632 Datasheet HTML 8Page - Microchip Technology MEC1632 Datasheet HTML 9Page - Microchip Technology MEC1632 Datasheet HTML 10Page - Microchip Technology MEC1632 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 7
MEC1632
2.0
GENERAL DESCRIPTION
The MEC1632 is the mixed signal base component of a multi-device advanced I/O controller architecture. The
MEC1632 incorporates a high-performance 32-bit ARC 625D embedded microcontroller with a 192 Kilobyte Embedded
Flash Subsystem, 16 Kilobytes of SRAM, 1 Kilobyte EEPROM emulation, and a 2 Kilobyte EEPROM. The MEC1632
communicates with the system host using the Intel® Low Pin Count bus.
The MEC1632 is the EC Base Component of a split-architecture Advanced I/O Controller system which uses BC-Link
communication protocol to access up to three companion components. The BC-Link protocol is peer-to-peer providing
communication between the MEC1632 embedded controller and registers located in a companion.
The MEC1632 is directly powered by two separate suspend supply planes (VBAT and VTR) and senses a third runtime
power plane (VCC) to provide “instant on” and system power management functions. The MEC1632 also contains an
integrated VTR Reset Interface and a system Power Management Interface that supports low-power states and can
drive state changes as a result of hardware wake events as defined by the MEC1632 Wake Interface.
The MEC1632 defines a software development system interface that includes an MCU Serial Debug Port, a two pin
serial debug port with a 16C550A register interface that is accessible to the EC or to the LPC host and can operate up
to 2 MB/s, a flexible Flash programming interface, a Port 80 BIOS Debug Port, Gang Programmer Interface, and a JTAG
interface. The EC can also drive the JTAG interface as a master.
A top-level block diagram of the MEC1632 is shown below in Figure 2-1. An example of system level connection is
shown in Figure 2-2. A detailed description of the Bus Hierarchy can be found in Section 4.0, "Bus Hierarchy," on
page 55.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com