Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 78 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 78 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 74Page - Microchip Technology MEC1632 Datasheet HTML 75Page - Microchip Technology MEC1632 Datasheet HTML 76Page - Microchip Technology MEC1632 Datasheet HTML 77Page - Microchip Technology MEC1632 Datasheet HTML 78Page - Microchip Technology MEC1632 Datasheet HTML 79Page - Microchip Technology MEC1632 Datasheet HTML 80Page - Microchip Technology MEC1632 Datasheet HTML 81Page - Microchip Technology MEC1632 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 636 page
background image
MEC1632
DS00001592B-page 78
 2012-2018 Microchip Technology Inc.
5.10
Chip-Level (Global) Control/Configuration Registers
[00h - 2Fh]
The chip-level (global) registers reside in Logical Device 3Fh at AHB addresses FF_FF00h through FF_FF2Fh. All unim-
plemented registers and bits ignore writes and return zero when read. The global registers are accessed in the config-
uration address range [00h - 2Fh] in all Logical Devices. There is no Activate associated with Logical Device 3Fh: the
Global Configuration Registers are always accessible.
As with all Configuration Registers, the INDEX PORT is used to select a Global Configuration Register in the chip. The
DATA PORT is then used to access the selected register.
The Host can access all the Global Configuration registers at the offsets listed in Table 5-15, "Chip-Level (Global) Con-
trol/Configuration Registers" through the INDEX PORT and the DATA PORT. The EC can access all these registers at
the listed offsets from the AHB Base Address shown in Table 5-14, "MEC1632 Configuration Register Map".
Note 5-7
The SerIRQ Mode bit controls the SER_IRQ pin, the CLKRUN# pin and the affects of LPC DMA
requests on CLKRUN# (See Section 6.7, on page 84 and Section 6.8, on page 86.
TABLE 5-15:
CHIP-LEVEL (GLOBAL) CONTROL/CONFIGURATION REGISTERS
Register
Offset
Description
CHIP (GLOBAL) CONTROL REGISTERS
Reserved
00h-03h
Reserved, Writes are ignored, reads return 0.
Reserved
04h - 06h
Reserved - Writes are ignored, reads return 0.
Logical Device Number
07h
A write to this register selects the current logical device. This
allows access to the control and configuration registers for
each logical device.
Note:
The Activate command operates only on the selected
logical device.
Reserved
08h - 1Fh
Reserved - Writes are ignored, reads return 0.
Device ID
Hard Wired
20h
A read-only register which provides device identification.
Device Revision
Hard Wired
21h
A read-only register which provides device revision information.
Bits[7:0] = current revision when read
Reserved
22h - 23h
Reserved - Writes are ignored, reads return 0.
Device Mode
24h
Bit [1:0] Reserved – writes ignored, reads return “0”.
Bit[2] SerIRQ Mode
(Note 5-7)
= 0: Serial IRQ Disabled.
= 1: Serial IRQ Enabled
(Default).
Bit [7:3] Reserved – writes ignored, reads return “0”.
Reserved
25h - 27h
Reserved - Writes are ignored, reads return 0.
Test Register
28h
MCHP Test Mode Register, Reserved for MCHP
Test Register
29h
MCHP Test Mode Register, Reserved for MCHP
Reserved
2Ah - 2Bh
Reserved - Writes are ignored, reads return 0.
Test Register
2Ch
MCHP Test Mode Register, Reserved for MCHP
Reserved
2Dh - 2Fh
Reserved - Writes are ignored, reads return 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com