Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 60 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 60 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 56Page - Microchip Technology MEC1632 Datasheet HTML 57Page - Microchip Technology MEC1632 Datasheet HTML 58Page - Microchip Technology MEC1632 Datasheet HTML 59Page - Microchip Technology MEC1632 Datasheet HTML 60Page - Microchip Technology MEC1632 Datasheet HTML 61Page - Microchip Technology MEC1632 Datasheet HTML 62Page - Microchip Technology MEC1632 Datasheet HTML 63Page - Microchip Technology MEC1632 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 636 page
background image
MEC1632
DS00001592B-page 60
 2012-2018 Microchip Technology Inc.
Note 4-1
All VBAT powered registers are in a Single 1KB Frame separated by 128 bytes (see Table 4-3,
Logical Device Number 33h.)
Note that the ARC-only SPB Bridge address space uses the terminology of Logical Device; however, there is no host
access to these blocks.
Note 4-2
PWM register addressing within Logical device 17h, PWM(15-8), is similar to the addressing within
the PWM(7-0) logical address space.
TABLE 4-3:
EC LOGICAL DEVICES ON MEC1632
Logical Device
Number
AHB Address for
Base of Frame
Logical Devices
Notes
0h
F0_0000h
Hibernation Timer
1h
F0_0400h
Watchdog Timer
2h
F0_0800h
Input Capture and Compare Timer
3h
F0_0C00h
16-bit Timer
4h
F0_1000h
RC ID
5h
F0_1400h
BC Bus Master
6h
F0_1800h
SMBus
7h
F0_1C00h
EC GP-SPI
8h
F0_2000h
Keyscan Interface
9h
F0_2400h
DMA
Ah
F0_2800h
SPI Flash Read
Bh
F0_2C00h
EEPROM
Ch - Fh
F0_3000h - F0_3FFFh
Reserved
10h
F0_4000h
CEC Interface Controller
11h
F0_4400h
Reserved
12h
F0_4800h
Reserved
14h - 15h
F0_5000h - F0_57FFh
Reserved
16h
F0_5800h
PWM(7-0)
17h
F0_5C00h
PWM(15-8)
Note 4-2
18h
F0_6000h
TACH
19h
F0_6400h
PECI
1Ah
F0_6800h
ADC
1Bh - 20h
F0_6C00h - F0_83FFh
Reserved
21h
F0_8400h
LED
22h
F0_8800h
PS/2
23h
F0_8C00h
MCU Debug Port
24h - 2Fh
F0_9000h - F0_BCFFh
Reserved
30h
F0_C000h
EC Interrupt Aggregator
31h
F0_C400h
GPIOs
32h
F0_C800h
Power, Clock & Reset (VTR PWR’ed)
33h
F0_CC00h
Power, Clock & Reset (VBAT PWR’ed)
F0_CC80h
Week Alarm Timer
F0_CD00h
VBAT Backed Memory
34h
F0_D000h
VBAT-Powered Control Interface
35h - 3Dh
F0_D400h - F0_F7FFh
Reserved
3Eh
F0_F800h
Reserved
3Fh
F0_FC00h
System Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com