Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 61 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 61 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 57Page - Microchip Technology MEC1632 Datasheet HTML 58Page - Microchip Technology MEC1632 Datasheet HTML 59Page - Microchip Technology MEC1632 Datasheet HTML 60Page - Microchip Technology MEC1632 Datasheet HTML 61Page - Microchip Technology MEC1632 Datasheet HTML 62Page - Microchip Technology MEC1632 Datasheet HTML 63Page - Microchip Technology MEC1632 Datasheet HTML 64Page - Microchip Technology MEC1632 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 61
MEC1632
4.4
AHB Buses
Addresses and internal buses in the MEC1632 are compatible with ARM Limited’s Advanced Microprocessor Bus Archi-
tecture
(AMBA), as specified in AMBA
™ Specification (Rev 2.0), 1999.
As seen in FIGURE 4-1: MEC1632 Bus Hierarchy on page 56, there are two separate AHB buses, the EC AHB and the
Host AHB. The first has one master, the EC, and two slaves, while the second has two masters, the LPC interface and
the AHB-AHB bridge, and four slaves. The bus connections are summarized in Table 4-4, "MEC1632 AHB Buses" and
can be seen in Figure 4-1.
The AHB-to-AHB bridge is a one-way device: addresses generated on the EC AHB can be propagated to the Host AHB
bus, but addresses on the Host AHB bus cannot be propagated to the EC AHB bus. This is the reason that the Host is
restricted from accessing the address range F0_0000h to F0_FFFFh (the address range of the EC SPB bridge). The
bridge maps address from FD_0000h through FF_FFFFh. Multi-word block transfers on the EC AHB are converted by
the bridge into a series of sequential 4-byte transfers.
Both the EC and the LPC interface can have at most one outstanding AHB bus request at one time. On the Host AHB,
the LPC interface always has priority over the AHB-AHB bridge. Both AHB buses support byte, halfword and word AHB
transfers. The only Burst mode supported on the EC AHB is an incrementing burst of 4 beats of 4 bytes per beat. Burst
mode is not supported on the Host AHB. AHB bus locking or early burst termination are not supported.
4.4.1
BUS CLOCKING
The Host AHB runs at the MEC1632 system clock rate (MCLK). The bus clock and the bus arbiter will be shut down
when there are no transactions active on the bus. The bus clock and arbiter will be restarted as soon as an address
is acquired from the LPC bus, or when an EC AHB bus transaction is mapped, via the AHB-to-AHB bridge, to the
address space of the Host AHB. The EC AHB clock can be programmed to run at any of the available rates as defined
by Block Sleep Enable Registers (see Section 7.8.4, "Block Sleep Enable Registers," on page 136). The EC bus clock
is shut down when the EC is idle.
If the Host AHB clock is idle when an LPC transaction arrives at the LPC interface, the LPC interface will restart the AHB
bus clock and arbiter early enough so that as soon as an I/O address is translated to an AHB address the I/O transaction
can be placed on the AHB without delay. If the I/O address is not claimed by the MEC1632 then the LPC interface will
drop its bus request. If the EC is not requesting the Host AHB at the same time, the Host AHB bus clock will again
shut down.
4.4.2
ADDRESS FRAMING
The EC can directly address all peripherals on the MEC1632. The Host, by contrast, is restricted in what it can address.
The Host accesses the MEC1632 through the LPC bus, using I/O cycles, Memory Cycles and Firmware Hub cycles
(see Section 6.0, "Host Interface," on page 79). These cycles are mapped into the MEC1632 address space accessible
by the LPC interface.
The mapping function forces some of the address bits to preset values, as shown in Table 4-5, "LPC to MEC1632
Address Mapping". This mapping has the effect of creating four contiguous 256-byte regions: LPC I/O, EC-only, LPC
DMA and LPC Configuration. Together, the four regions create a 1024 byte “frame” for each logical device that is acces-
sible to the Host. There is therefore a maximum of 64 Logical Devices, each with a 1KB frame.
LPC I/O cycles for Runtime Registers are mapped into the first 256 bytes of the 1024 byte frame. Configuration Regis-
ters, which are accessed through a Configuration portal typically located at addresses 2Eh and 2Fh in the LPC I/O
space, are restricted to the highest 256 bytes of the 1024 byte frame.
DMA FIFO addresses are restricted to offsets between 200h and 2FFh within a Logical Device frame. In addition, DMA
FIFO addresses are restricted to 32-bit aligned addresses, that is, address bits [1:0] are both 0. The low 10 bits of a
DMA FIFO are thus in the form ‘10xxxxxx00b’.
TABLE 4-4:
MEC1632 AHB BUSES
AHB Bus
Master Interfaces
Slave Interfaces
EC AHB
EC
EC SPB bridge
AHB-AHB bridge
Host AHB
LPC Interface
AHB-AHB bridge
LPC SPB bridge
SPI bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com