Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 68 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 68 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 64Page - Microchip Technology MEC1632 Datasheet HTML 65Page - Microchip Technology MEC1632 Datasheet HTML 66Page - Microchip Technology MEC1632 Datasheet HTML 67Page - Microchip Technology MEC1632 Datasheet HTML 68Page - Microchip Technology MEC1632 Datasheet HTML 69Page - Microchip Technology MEC1632 Datasheet HTML 70Page - Microchip Technology MEC1632 Datasheet HTML 71Page - Microchip Technology MEC1632 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 636 page
background image
MEC1632
DS00001592B-page 68
 2012-2018 Microchip Technology Inc.
When matching LPC I/O addresses, the MEC1632 ignores address bits that correspond to ‘1b’ bits in the MASK field.
When forming the AHB address from the LPC I/O address, the LPC I/O address bits that correspond to the ‘1b’ bits in
the MASK are passed through to the AHB address. For example, the Keyboard Controller (8042) Base Address Register
has 60h in the LPC Address field, the Frame field is 01h, and the MASK field is 04h. Because of the single ‘1b’ bit in
MASK, the BAR will match LPC I/O patterns in the form ‘00000000011000b’, so both 60h and 64h will be matched and
claimed by the MEC1632. When forming the AHB address, the Frame number 01h will be put in bit positions 15 through
10 and concatenated with FF_0000h, to form the Keyboard Controller Frame base address of FF_0400h. If the Host
reads from address 60h, a read access will be initiated to AHB address FF_0400h (the base address OR’d with bit 2
from 60h). If the Host reads from address 64h, a read access will be initiated to AHB address FF_0404h (again, bit 2
from the LPC I/O address is OR’d into the AHB address).
As another example, if a standard 16550 UART was located at LPC I/O address 238h, then the UART Receive buffer
would appear at address 238h and the Line Status register at 23Dh. If the BAR for the UART was set to 0238_8047h,
then the UART will be matched at I/O address 238h, the UART is located in Logical Device 6h, the UART is enabled
and the UART device includes 8 registers. The Receive buffer would map to AHB address FF_1800h and the Line Sta-
tus register would map to AHB address FF_1805h.
5.6.4
BASE ADDRESS REGISTER TABLE
Table 5-6, "Base Address Registers Default Values", lists the Base Address Registers for all logical devices on the
MEC1632. The BAR EC Offsets are relative to the base address of the LPC Logical Device, which is located at AHB
address FF_3000h. The columns to the right of the heavy line show the field definitions for the default values listed in
the column labeled “Reset Default”. Shaded fields in Table 5-6 are read-only.
The EC can read and write the BAR table entries with 32-bit, 16-bit or 8-bit accesses. The Host accesses the BAR table
using 8-bit reads and writes.
The shaded LPC I/O Address, VALID, FRAME, MASK fields are read-only Table 5-6. The unshaded fields has read/write
access.
FIGURE 5-1:
LPC BAR MAPPING
Note:
The BAR at offset 360h associated with the LPC Interface is different in that LPC I/O accesses that are
claimed by this BAR does not translate directly into a AHB addresses. Addresses that are claimed by this
BAR, the Configuration Port BAR, are used to manage Configuration Registers. These accesses are
described in Section 5.5, on page 65. This BAR is also special in that a byte write to offset 362h (bits[7:0]
of the LPC Host Address field) does not directly write into the BAR. Instead, the byte is held in a buffer. A
byte write to offset 363h will both write the byte at offset 363h and will copy the buffer into offset 362h. This
is done to insure that the 16-bit LPC Host Address field of the Configuration Port BAR is always completely
updated in one cycle.
BAR.Frame
LPC Address &
BAR.Mask
0
87
9
10
15
16
23
~D = ~BAR.Device
11 11 1 1 1 ~D
0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com