Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 88 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 88 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 84Page - Microchip Technology MEC1632 Datasheet HTML 85Page - Microchip Technology MEC1632 Datasheet HTML 86Page - Microchip Technology MEC1632 Datasheet HTML 87Page - Microchip Technology MEC1632 Datasheet HTML 88Page - Microchip Technology MEC1632 Datasheet HTML 89Page - Microchip Technology MEC1632 Datasheet HTML 90Page - Microchip Technology MEC1632 Datasheet HTML 91Page - Microchip Technology MEC1632 Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 636 page
background image
MEC1632
DS00001592B-page 88
 2012-2018 Microchip Technology Inc.
The SIRQ data frame will now support IRQ2 from a logical device; previously IRQSER Period 3 was reserved for use
by the System Management Interrupt (nSMI). When using Period 3 for IRQ2, the user should mask off the MEC1632’s
SMI via the ESMI Mask Register. Likewise, when using Period 3 for nSMI, the user should not configure any logical
devices as using IRQ2.
IRQSER Period 14 is used to transfer IRQ13. Each Logical devices will have IRQ13 as a choice for their primary inter-
rupt.
Stop Cycle Control
Once all IRQ/Data Frames have completed, the host controller will terminate IRQSER activity by initiating a Stop Frame.
Only the host controller can initiate the Stop Frame. A Stop Frame is indicated when the IRQSER is low for two or three
clocks. If the Stop Frame’s low time is two clocks, then the next IRQSER cycle’s sampled mode is the Quiet mode; and
any IRQSER device may initiate a Start Frame in the second clock or more after the rising edge of the Stop Frame’s
pulse. If the Stop Frame’s low time is three clocks, then the next IRQSER cycle’s sampled mode is the continuous mode,
and only the host controller may initiate a Start Frame in the second clock or more after the rising edge of the Stop
Frame’s pulse.
Latency
Latency for IRQ/Data updates over the IRQSER bus in bridge-less systems with the minimum IRQ/Data Frames of 17
will range up to 96 clocks (3.84
S with a 25 MHz PCI Bus or 2.88s with a 33 MHz PCI Bus). If one or more PCI to PCI
Bridge is added to a system, the latency for IRQ/Data updates from the secondary or tertiary buses will be a few clocks
longer for synchronous buses, and approximately double for asynchronous buses.
EOI/ISR Read Latency
Any serialized IRQ scheme has a potential implementation issue related to IRQ latency. IRQ latency could cause an
EOI or ISR Read to precede an IRQ transition that it should have followed. This could cause a system fault. The host
interrupt controller is responsible for ensuring that these latency issues are mitigated. The recommended solution is to
delay EOIs and ISR Reads to the interrupt controller by the same amount as the IRQSER Cycle latency in order to
ensure that these events do not occur out of order.
AC/DC Specification Issue
All IRQSER agents must drive/sample IRQSER synchronously related to the rising edge of the PCI bus clock. The
IRQSER (SIRQ) pin uses the electrical specification of the PCI bus. Electrical parameters will follow the PCI Specifica-
tion Section 4, sustained tri-state.
Reset and Initialization
The IRQSER bus uses LRESET as its reset signal and follows the PCI bus reset mechanism. The IRQSER pin is tri-
stated by all agents while LRESET is active. With reset, IRQSER slaves and bridges are put into the (continuous) Idle
mode. The host controller is responsible for starting the initial IRQSER cycle to collect system’s IRQ/Data default values.
The system then follows with the Continuous/Quiet mode protocol (Stop Frame pulse width) for subsequent IRQSER
cycles. It is the host controller’s responsibility to provide the default values to the 8259’s and other system logic before
the first IRQSER cycle is performed. For IRQSER system suspend, insertion, or removal application, the host controller
should be programmed into Continuous (IDLE) mode first. This is to ensure the IRQSER bus is in Idle state before the
system configuration changes.
8IRQ7
23
9IRQ8
26
10
IRQ9
29
11
IRQ10
32
12
IRQ11
35
13
IRQ12
38
14
IRQ13
41
15
IRQ14
44
16
IRQ15
47
TABLE 6-5:
IRQSER SAMPLING PERIODS (CONTINUED)
IRQSER Period
Signal Sampled
# of Clocks Past Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com