Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 10 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 6Page - Microchip Technology MEC1632 Datasheet HTML 7Page - Microchip Technology MEC1632 Datasheet HTML 8Page - Microchip Technology MEC1632 Datasheet HTML 9Page - Microchip Technology MEC1632 Datasheet HTML 10Page - Microchip Technology MEC1632 Datasheet HTML 11Page - Microchip Technology MEC1632 Datasheet HTML 12Page - Microchip Technology MEC1632 Datasheet HTML 13Page - Microchip Technology MEC1632 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 636 page
background image
MEC1632
DS00001592B-page 10
 2012-2018 Microchip Technology Inc.
3.0
MEC1632 PIN CONFIGURATION
3.1
Description
The MEC1632 Pin Configuration chapter includes a Pin List, General System/Layout Issues, Pin Description, Pin Mul-
tiplexing, Notes for Tables in this Chapter, Strapping Options and Package Outline.
3.2
Terminology and Symbols for Pins/Buffers
Note 3-1
See the “PCI Local Bus Specification,” Revision 2.1, Section 4.2.2.
Note 3-2
See the “PCI Local Bus Specification,” Revision 2.1, Section 4.2.2 and 4.2.3.
Term
Definition
#
The ‘#’ sign at the end of a signal name indicates that this is an active-low signal
n
The lowercase ‘n preceding a signal name indicates that this is an active-low
signal
PWR
Power
IDigital Input
IS
Input with Schmitt Trigger
I_AN
Analog Input
O
Push-Pull Output
OD
Open Drain Output
IO
Bi-directional pin
IOD
Bi-directional pin with Open Drain Output
PCI_I
Input. These pins meet the PCI 3.3V AC and DC Characteristics. (Note 3-1
PCI_O
Output. These pins meet the PCI 3.3V AC and DC Characteristics. (Note 3-1)
PCI_OD
Open Drain Output. These pins meet the PCI 3.3V AC and DC Characteristics.
(Note 3-1)
PCI_IO
Input/Output These pins meet the PCI 3.3V AC and DC Characteristics. (Note 3-
1)
PCI_ICLK
Clock Input. These pins meet the PCI 3.3V AC and DC Characteristics and
timing. (Note 3-2)
SB-TSI
Input/Output (Open Drain), These pins are at the SB-TSI VREF level. See , .
IO_PECI
PECI Input/Output. These pins are at the PECI VREF level. See Section 45.0,
"Electrical Specifications," on page 602.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com