| Electronic Components Datasheet Search |
|
MEC1632 Datasheet(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1632 Datasheet(HTML) 15 Page - Microchip Technology |
|
15 / 636 page ![]() 2012-2018 Microchip Technology Inc. DS00001592B-page 15 MEC1632 3.4 General System/Layout Issues 3.4.1 PIN DEFAULT STATE THROUGH POWER TRANSITIONS The power state and power state transitions illustrated in Table 3-2 are defined in , . Pin behavior in this table assumes no specific programming to change the pin state. All GPIO default pins have the same behavior described in Table 3- 2 as generically as GPIOXXX. TABLE 3-2: Pin Default State Through Power Transitions Signal VBAT applied VBAT STABLE VTR applied nSYS _RST de- asserted VCC_ PWRGD asserted VCC_ PWRGD de- asserted nSYS_ RST asserted VTR un- powered VBAT un- powered Notes GPIO042 unpowered unpowered low In In In Z glitch unpowered GPIO043 unpowered unpowered low In In In Z glitch unpowered GPIO062 unpowered unpowered low Out=0 Out Out Out glitch unpowered GPIOXXX unpowered unpowered Z In In In Z glitch unpowered Note E SER_IRQ unpowered unpowered glitch In Z>I/O (P) >Z In In glitch unpowered Note A LRESET# unpowered unpowered glitch In In In Z glitch unpowered Note A PCI_CLK unpowered unpowered glitch In In In Z glitch unpowered LFRAME# unpowered unpowered glitch In In In Z glitch unpowered LAD0 unpowered unpowered glitch In In>I/O (P) >In In Z glitch unpowered LAD1 unpowered unpowered glitch In In>I/O (P) >In In Z glitch unpowered LAD2 unpowered unpowered glitch In In>I/O (P) >In In Z glitch unpowered LAD3 unpowered unpowered glitch In In>I/O (P) >In In Z glitch unpowered CLKRUN# unpowered unpowered glitch In Z>I/O (P) >Z In Z glitch unpowered BGPO0 Out=0 Out=0 Retain Retain Retain Retain Retain Retain unpowered Note B VCI_INx# In In In In In In In In unpowered VCI_OUT Out logic Out logic Out logic Out logic Out logic Out logic Out logic Out logic unpowered Note C VCI_OVRD_IN In In In In In In In In unpowered XTAL1 Crystal In Crystal In Crystal In Crystal In Crystal In Crystal In Crystal In Crystal In Crystal In XTAL2 Crystal Out Crystal Out Crystal Out Crystal Out Crystal Out Crystal Out Crystal Out Crystal Out Crystal Out Legend Notes Note A: Note B: Z = Tristate Note C: Note D: Note E: Does not include GPIO042, GPIO043, and GPIO062 (P) = I/O state is driven by protocol while power is applied. Pin exhibits "VCC" power domain emulation. Pin is programmable by the EC and retains its value through a VTR power cycle. Pin is programmable by the EC and affected by other VBAT inputs pins. Pin exhibits "VTR" power domain emulation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |