Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 35 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 35 Page - fujitsu semiconductor

Back Button MB89663 Datasheet HTML 31Page - fujitsu semiconductor MB89663 Datasheet HTML 32Page - fujitsu semiconductor MB89663 Datasheet HTML 33Page - fujitsu semiconductor MB89663 Datasheet HTML 34Page - fujitsu semiconductor MB89663 Datasheet HTML 35Page - fujitsu semiconductor MB89663 Datasheet HTML 36Page - fujitsu semiconductor MB89663 Datasheet HTML 37Page - fujitsu semiconductor MB89663 Datasheet HTML 38Page - fujitsu semiconductor MB89663 Datasheet HTML 39Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
MB89660 Series
35
5. A/D Converter Electrical Characteristics
(AVCC = VCC = +3.5 V to 6.0 V, AVSS = VSS = 0.0 V, TA = –40
°C to +85°C)
* : For information on tinst, see “(4) Instruction Cycle” in “4. AC Characteristics.”
(1) A/D Glossary
• Resolution
Analog changes that are identifiable with the A/D converter.
When the number of bits is 8, analog voltage can be divided into 28 = 256.
• Linearity error (unit: LSB)
The deviation of the straight line connecting the zero transition point (“0000 0000”
↔ “0000 0001”) with the
full-scale transition point (“1111 1111”
↔ “1111 1110”) from actual conversion characteristics
• Differential linearity error (unit: LSB)
The deviation of input voltage needed to change the output code by 1 LSB from the theoretical value
• Total error (unit: LSB)
The difference between theoretical and actual conversion values
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Resolution
—
—
——
—
8
bit
Total error
AVR = AVCC
——
±2.0
LSB
Linearity error
—
—
±1.0
LSB
Differential linearity error
—
—
±0.9
LSB
Zero transition voltage
VOT
AVSS –
1.5 LSB
AVSS+
0.5 LSB
AVSS+
2.5 LSB
mV
Full-scale transition
voltage
VFST
AVR –
3.5 LSB
AVR –
1.5 LSB
AVR +
0.5 LSB
mV
Interchannel disparity
—
——
1
LSB
A/D mode conversion time
—
—
44 tisnt*—
µs
Sense mode conversion
time
—
12 tinst*—
µs
Analog port input circuit
IAIN
AN0 to AN7
——
10
µA
Analog input voltage
—
0—
AVR
V
Reference voltage
AVR
0—
AVCC
V
Reference voltage
supply current
IR
AVR = 5.0 V
when A/D
conversion is
activated
—150
—
µA
IRH
AVR = 5.0 V
when A/D
conversion is
stopped
——
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com