Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 19 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 19 Page - fujitsu semiconductor

Back Button MB89663 Datasheet HTML 15Page - fujitsu semiconductor MB89663 Datasheet HTML 16Page - fujitsu semiconductor MB89663 Datasheet HTML 17Page - fujitsu semiconductor MB89663 Datasheet HTML 18Page - fujitsu semiconductor MB89663 Datasheet HTML 19Page - fujitsu semiconductor MB89663 Datasheet HTML 20Page - fujitsu semiconductor MB89663 Datasheet HTML 21Page - fujitsu semiconductor MB89663 Datasheet HTML 22Page - fujitsu semiconductor MB89663 Datasheet HTML 23Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
MB89660 Series
19
The RP indicates the address of the register bank currently in use. The relationship between the pointer contents
and the actual address is based on the conversion rule illustrated below.
The CCR consists of bits indicating the results of arithmetic operations and the contents of transfer data and
bits for control of CPU operations at the time of an interrupt.
H-flag:
Set when a carry or a borrow from bit 3 to bit 4 occurs as a result of an arithmetic operation. Cleared
otherwise. This flag is for decimal adjustment instructions.
I-flag:
Interrupt is allowed when this flag is set to 1. Interrupt is prohibited when the flag is set to 0. Set to 0
when reset.
IL1, 0:
Indicates the level of the interrupt currently allowed. Processes an interrupt only if its request level is
higher than the value indicated by this bit.
N-flag:
Set if the MSB is set to 1 as the result of an arithmetic operation. Cleared when the bit is set to 0.
Z-flag:
Set when an arithmetic operation results in 0. Cleared otherwise.
V-flag:
Set if the complement on 2 overflows as a result of an arithmetic operation. Reset if the overflow does
not occur.
C-flag:
Set when a carry or a borrow from bit 7 occurs as a result of an arithmetic operation. Cleared otherwise.
Set to the shift-out value in the case of a shift instruction.
IL1
IL0
Interrupt level
High-low
00
1
High
Low = no interrupt
01
10
2
11
3
Rule for Conversion of Actual Addresses of the General-purpose Register Area
“0”
↓
A15
“0”
↓
A14
“0”
↓
A13
“0”
↓
A12
“0”
↓
A11
“0”
↓
A10
“0”
↓
A9
“1”
↓
A8
R4
↓
A7
R3
↓
A6
R2
↓
A5
R1
↓
A4
R0
↓
A3
b2
↓
A2
b1
↓
A1
b0
↓
A0
Lower OP codes
RP
Generated addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com