Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 25 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 25 Page - fujitsu semiconductor

Back Button MB89663 Datasheet HTML 21Page - fujitsu semiconductor MB89663 Datasheet HTML 22Page - fujitsu semiconductor MB89663 Datasheet HTML 23Page - fujitsu semiconductor MB89663 Datasheet HTML 24Page - fujitsu semiconductor MB89663 Datasheet HTML 25Page - fujitsu semiconductor MB89663 Datasheet HTML 26Page - fujitsu semiconductor MB89663 Datasheet HTML 27Page - fujitsu semiconductor MB89663 Datasheet HTML 28Page - fujitsu semiconductor MB89663 Datasheet HTML 29Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
MB89660 Series
25
3. DC characteristics
(AVCC = VCC = +5.0 V, AVSS = VSS = 0.0 V, TA = –40
°C to +85°C)
(Continued)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
“H” level input
voltage
VIH
P00 to P07,
P10 to P17
—
0.7 VCC
—VCC + 0.3
V
VIHS
RST, HST
P30 to P37,
P40 to P47,
P60 to P63
—
0.8 VCC
—VCC + 0.3
V
“L” level input
voltage*1
VIL
P00 to P07,
P10 to P17
—VSS – 0.3
—
0.3 VCC
V
VILS
RST, HST
P30 to P37,
P40 to P47,
P60 to P63
—VSS – 0.3
—
0.2 VCC
V
Open-drain
output pin
application
voltage
VD
P50 to P57
—
VSS – 0.3
—
VCC + 0.3
V
“H” level output
voltage
VOH1
P00 to P07,
P10 to P17,
P20 to P27,
P30,
P32 to P36,
P40 to P47,
P60 to P63
IOH = –2.0 mA
2.4
—
—
V
VOH2
P31, P37
IOH = –15 mA
2.4
—
—
V
“L” level output
voltage
VOL1
P00 to P07,
P10 to P17,
P20 to P27,
P30,
P32 to P36,
P40 to P47,
P50 to P57,
P60 to P63
IOL = +1.8 mA
——
0.4
V
VOL2
P31, P37
IOL = +12 mA
——
0.4
V
VOL3
RST
IOL = +4.0 mA
——
0.4
V
Input leakage
current (Hi-z
output leakage
current)
ILI1
P00 to P07,
P10 to P17,
P20 to P27,
P30 to P37,
P40 to P47,
P60 to P63
0.45 V
< VI < VCC
——
±5
µA Withoutpull-up
resistor
Pull-up
resistance
RPULU
RST,
option
selection pin
VI = 0.0 V
25
50
100
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com