Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 7 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 7 Page - fujitsu semiconductor

Back Button MB89663 Datasheet HTML 3Page - fujitsu semiconductor MB89663 Datasheet HTML 4Page - fujitsu semiconductor MB89663 Datasheet HTML 5Page - fujitsu semiconductor MB89663 Datasheet HTML 6Page - fujitsu semiconductor MB89663 Datasheet HTML 7Page - fujitsu semiconductor MB89663 Datasheet HTML 8Page - fujitsu semiconductor MB89663 Datasheet HTML 9Page - fujitsu semiconductor MB89663 Datasheet HTML 10Page - fujitsu semiconductor MB89663 Datasheet HTML 11Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
MB89660 Series
7
s PIN DESCRIPTION
(Continued)
*1: DIP-64P-M01, DIP-64C-A06
*2: FPT-64P-M06
Pin no.
Pin name
Circuit
type
Function
DIP*1
QFP*2
30
23
X0
A
Crystal oscillator pins
31
24
X1
28
21
MOD0
B
Operating mode selection pins
Connect directly to VCC or VSS.
A pull-down resistor is selectable as an option for mask
ROM products.
29
22
MOD1
27
20
RST
C
Reset I/O pin
This port is an N-ch open-drain output type with pull-up
resistor and a hysteresis input type. “L” is output from this
pin by an internal reset source. The internal circuit is
initialized by the input of “L”.
26
19
HST
G
Hardware standby input pin
Connect directly to VCC when hardware standby is not
used.
56 to 49
49 to 42
P00 to P07
D
General-purpose I/O ports
48 to 41
41 to 34
P10 to P17
40 to 33
33 to 26
P20 to P27
F
General-purpose output ports
58
51
P30/EC
E
General-purpose I/O port
Also serves as an external clock input for an 8/16-bit
timer/counter.
This pin is a hysteresis input type and with a noise
canceller.
59
52
P31/TO1
E
General-purpose high-current I/O port
Also serves as an 8/16-bit timer/counter output. This pin
is a hysteresis input type and with a noise canceller.
60
53
P32/TO2
E
General-purpose I/O port
Also serves as an 8/16-bit timer/counter output. This pin
is a hysteresis input type and with a noise canceller.
61
54
P33/RTI0
E
General-purpose I/O ports
Also serve as the data input for the input capture. This pin
is a hysteresis input type and with a noise canceller.
62
55
P34/RTI1
63
56
P35/RTO0
E
General-purpose I/O ports
Also serve as the data output for the output compare. This
pin is a hysteresis input type and with a noise canceller.
158
P36/RTO1
2
59
P37/ADST
E
General-purpose heavy-current I/O port
Also serves as the external activation input for the A/D
converter. This pin is a hysteresis input type and with a
noise canceller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com