| Electronic Components Datasheet Search |
|
MB89663 Datasheet(PDF) 8 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB89663 Datasheet(HTML) 8 Page - fujitsu semiconductor |
|
8 / 48 page ![]() MB89660 Series 8 (Continued) *1: DIP-64P-M01, DIP-64C-A06 *2: FPT-64P-M06 Pin no. Pin name Circuit type Function DIP*1 QFP*2 3 60 P40/SCK1 E General-purpose I/O port Also serves as the clock I/O for the UART. This pin is a hysteresis input type and with a noise canceller. 4 61 P41/SO1 E General-purpose I/O port Also serves as the data output for the UART. This pin is a hysteresis input type and with a noise canceller. 5 62 P42/SI1 E General-purpose I/O port Also serves as the data input for the UART. This pin is a hysteresis input type and with a noise canceller. 6 63 P43/SCK2 E General-purpose I/O port Also serves as the clock I/O for the 8-bit serial I/O interface. This pin is a hysteresis input type and with a noise canceller. 7 64 P44/SO2 E General-purpose I/O port Also serves as the data output for the 8-bit serial I/O interface. This pin is a hysteresis input type and with a noise canceller. 8 1 P45/SI2 E General-purpose I/O port Also serves as the data input for the 8-bit serial I/O interface. This pin is a hysteresis input type and with a noise canceller. 9 2 P46/PTO E General-purpose I/O port Also serves as a toggle output for an 8-bit PWM timer. This pin is a hysteresis input type and with a noise canceller. 10 3 P47 E General-purpose I/O port This pin is a hysteresis input type and with a noise canceller. 11 to 18 4 to 11 P50/AN0 to P57/AN7 H N-ch open-drain output-only ports Also serve as the analog input for the A/D converter. 22 to 25 15 to 18 P60/INT0 to P63/INT3 E General-purpose I/O ports These pins also serve as an external interrupt input. These pins are a hysteresis input type and with a noise canceller. 64 57 VCC — Power supply pin 32 57 25 50 VSS — Power supply (GND) pins 19 12 AVCC — A/D converter power supply pin 20 13 AVR — A/D converter reference voltage input pin 21 14 AVSS — A/D converter power supply pin Use this pin at the same voltage as VSS. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |