Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 5 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 5 Page - fujitsu semiconductor

  MB89663 Datasheet HTML 1Page - fujitsu semiconductor MB89663 Datasheet HTML 2Page - fujitsu semiconductor MB89663 Datasheet HTML 3Page - fujitsu semiconductor MB89663 Datasheet HTML 4Page - fujitsu semiconductor MB89663 Datasheet HTML 5Page - fujitsu semiconductor MB89663 Datasheet HTML 6Page - fujitsu semiconductor MB89663 Datasheet HTML 7Page - fujitsu semiconductor MB89663 Datasheet HTML 8Page - fujitsu semiconductor MB89663 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
MB89660 Series
5
s DIFFERENCES AMONG PRODUCTS
1. Memory Size
Before evaluating using the OTPROM (one-time PROM) product (also used for evaluation), verify its differences
from the product that will actually be used: Take particular care on the following points:
• On the MB89663, register bank from 16 to 32 cannot be used.
• On the MB89P665, address BFF0H to BFF6H comprise the option setting area, option settings can be read by
reading these addresses.
• The stack area, etc., is used.
2. Current Consumption
• When operated at low speed, the product with an OTPROM or an EPROM will consume more current than
the product with a mask ROM.
• However, the current comsumption in sleep/stop modes is the same. (For more information, see sections
“s Electrical Characteristics” and “s Example Characteristics.”
3. Mask Options
Functions that can be selected as options and how to designate these options vary by the product.
Before using options check section “s Mask Options.”
Take particular care on the following points:
• On the MB89P665, a pull-up resistor must be selected in a group of four pins for P54 to P57.
• For all products, P50 to P57 must be set to without a pull-up resistor when an A/D converter is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com