Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 14 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 14 Page - fujitsu semiconductor

Back Button MB89663 Datasheet HTML 10Page - fujitsu semiconductor MB89663 Datasheet HTML 11Page - fujitsu semiconductor MB89663 Datasheet HTML 12Page - fujitsu semiconductor MB89663 Datasheet HTML 13Page - fujitsu semiconductor MB89663 Datasheet HTML 14Page - fujitsu semiconductor MB89663 Datasheet HTML 15Page - fujitsu semiconductor MB89663 Datasheet HTML 16Page - fujitsu semiconductor MB89663 Datasheet HTML 17Page - fujitsu semiconductor MB89663 Datasheet HTML 18Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
MB89660 Series
14
5. Programming Yield
All bits cannot be programmed at Fujitsu shipping test to a blanked OTPROM microcomputer, due to its nature.
For this reason, a programming yield of 100% cannot be assured at all times.
6. Erasure Procedure
In order to clear all locations of their programmed contents, it is necessary to expose the internal EPROM to an
ultraviolet light source. A dosage of 10 W-seconds/cm2 is required to completely erase an internal EPROM. This
dosage can be obtained by exposure to an ultraviolet lamp (wavelength of 2537 Angstroms (Å)) with intensity
of 12000
µW/cm2 for 15 to 21 minuites. The internal EPROM should be about one inch from the source and all
filters should be removed from the UV light source prior to erasure.
It is important to note that the internal EPROM and similar devices, will erase with light sources having wave-
lengths shorter than 4000 Å. Although erasure time will be much longer than with UV source at 2537 Å,
nevertheless the exposure to fluorescent light and sunlight will eventually erase the internal EPROM, and
exposure to them should be prevented to realize maximum system reliability. If used in such an environment,
the package windows should be covered by an opaque label or substance.
7. EPROM Programmer Socket Adapter
Inquiry: Sun Hayato Co., Ltd.: TEL 81-3-3802-5760
Note: Connect the adapter jumper pin to VSS when using.
Package
Compatible socket adapter
FPT-64P-M06
ROM-64QF-28DP-8L
DIP-64P-M01
ROM-64SD-28DP-8L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com