Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 37 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 37 Page - fujitsu semiconductor

Back Button MB89663 Datasheet HTML 33Page - fujitsu semiconductor MB89663 Datasheet HTML 34Page - fujitsu semiconductor MB89663 Datasheet HTML 35Page - fujitsu semiconductor MB89663 Datasheet HTML 36Page - fujitsu semiconductor MB89663 Datasheet HTML 37Page - fujitsu semiconductor MB89663 Datasheet HTML 38Page - fujitsu semiconductor MB89663 Datasheet HTML 39Page - fujitsu semiconductor MB89663 Datasheet HTML 40Page - fujitsu semiconductor MB89663 Datasheet HTML 41Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
MB89660 Series
37
s EXAMPLES CHARACTERISTICS
0
–5
–10
–15
–20
3.0
VDD - VOH2(V)
IOH2(mA)
VCC - VOH2 vs. IOH2
2.0
1.0
0
VCC = 3.0 V
VCC = 4.0 V
TA = +25°C
VCC = 5.0 V
VCC = 6.0 V
010
1
2
34
56
78
9
0.1
0.2
0.3
0.4
0.5
VOL (V)
VCC = 2.5 V
VCC = 3.0 V
VCC = 4.0 V
VCC = 5.0 V
VCC = 6.0 V
IOL (mA)
VOL vs. IOL
TA = +25°C
0.0
1.0
VDD - VOH(V)
VCC = 2.5 V
VCC = 3.0 V
VCC = 4.0 V
VCC = 5.0 V
VCC = 6.0 V
IOH(mA)
VCC - VOH VS. IOH
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
TA = +25°C
0
–5
–10
–15
–20
0.6
VOL2(V)
IOL2(mA)
VOL2 vs. IOL2
0.4
0.2
0
VCC = 3.0 V
VCC = 4.0 V
TA = +25°C
VCC = 5.0 V
VCC = 6.0 V
(1)
“L” Level Output Voltage
P00 to P07, P10 to P17,P20 to P27, P30, P32 to
P36, P40 to P47, P50 to P57, P60 to P63
(2)
“H” Level Output Voltage
P00 to P07, P10 to P17, P20 to P27, P30, P32
to P36, P40 to P47, P60 to P63
(3)
“L” Level Output Voltage
P31, P37
(4)
“H” Level Output Voltage
P31, P37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com