Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 28 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 28 Page - fujitsu semiconductor

Back Button MB89663 Datasheet HTML 24Page - fujitsu semiconductor MB89663 Datasheet HTML 25Page - fujitsu semiconductor MB89663 Datasheet HTML 26Page - fujitsu semiconductor MB89663 Datasheet HTML 27Page - fujitsu semiconductor MB89663 Datasheet HTML 28Page - fujitsu semiconductor MB89663 Datasheet HTML 29Page - fujitsu semiconductor MB89663 Datasheet HTML 30Page - fujitsu semiconductor MB89663 Datasheet HTML 31Page - fujitsu semiconductor MB89663 Datasheet HTML 32Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
MB89660 Series
28
(3) Clock Timing
(AVSS = VSS = 0.0 V, TA = –40
°C to +85°C)
(4) Instruction Cycle
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Clock frequency
FC
X0, X1
—
1
—
10
MHz
Clock cycle time
tXCYL
X0, X1
—
100
—
1000
ns
Input clock pulse
width
PWH
PWL
X0
—
20
—
—
ns
External clock
Input clock rising/
falling time
tCR
tCF
X0
—
—
—
10
ns
External clock
Parameter
Symbol
Value (typical)
Unit
Remarks
Instruction cycle
(minimum execution
time)
tinst
4/FC
µs
When operating at FC = 10 MHz
0.2 VCC
0.8 VCC
X0
0.2 VCC
tCR
tCF
0.8 VCC
0.2 VCC
X0
X1
X0
X1
When a crystal
or
ceramic resonator is used
When an external clock is used
Open
tXCYL
PWH
PWL
X0 and X1 Timing and Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com