Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 23 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 23 Page - fujitsu semiconductor

Back Button MB89663 Datasheet HTML 19Page - fujitsu semiconductor MB89663 Datasheet HTML 20Page - fujitsu semiconductor MB89663 Datasheet HTML 21Page - fujitsu semiconductor MB89663 Datasheet HTML 22Page - fujitsu semiconductor MB89663 Datasheet HTML 23Page - fujitsu semiconductor MB89663 Datasheet HTML 24Page - fujitsu semiconductor MB89663 Datasheet HTML 25Page - fujitsu semiconductor MB89663 Datasheet HTML 26Page - fujitsu semiconductor MB89663 Datasheet HTML 27Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
MB89660 Series
23
s ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Ratings
(AVSS = VSS = 0.0 V)
* : Use AVCC and VCC set at the same voltage.
Take care so that AVCC does not exceed VCC, such as when power is turned on.
Precautions: Permanent device damage may occur if the above “Absolute Maximum Ratings” are exceeded.
Functional operation should be restricted to the conditions as detailed in the operational sections of
this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Parameter
Symbol
Value
Unit
Remarks
Min.
Max.
Power supply voltage
VCC
AVCC
VSS – 0.3
VSS + 7.0
V
*
AVR
VSS – 0.3
VSS + 7.0
V
AVR must not exceed AVCC + 0.3 V
Input voltage
VI
VSS – 0.3
VCC + 0.3
V
Output voltage
VO
VSS – 0.3
VCC + 0.3
V
“L” level maximum output
current
IOL
—20
mA
“L” level average output
current
IOLAV
—4
mA
Average value (operating
current
× operating rate)
“L” level total maximum output
current
ΣIOL
—100
mA
“L” level total average output
current
ΣIOLAV
—40
mA
Average value (operating
current
× operating rate)
“H” level maximum output
current
IOH
—–20
mA
“H” level average output
current
IOHAV
—–4
mA
Average value (operating
current
× operating rate)
“H” level total maximum output
current
ΣIOH
—–50
mA
“H” level total average output
current
ΣIOHAV
—–20
mA
Average value (operating
current
× operating rate)
Power consumption
PD
—300
mW
Operating temperature
TA
–40
+85
°C
Storage temperature
Tstg
–55
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com