Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 30 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 30 Page - fujitsu semiconductor

Back Button MB89663 Datasheet HTML 26Page - fujitsu semiconductor MB89663 Datasheet HTML 27Page - fujitsu semiconductor MB89663 Datasheet HTML 28Page - fujitsu semiconductor MB89663 Datasheet HTML 29Page - fujitsu semiconductor MB89663 Datasheet HTML 30Page - fujitsu semiconductor MB89663 Datasheet HTML 31Page - fujitsu semiconductor MB89663 Datasheet HTML 32Page - fujitsu semiconductor MB89663 Datasheet HTML 33Page - fujitsu semiconductor MB89663 Datasheet HTML 34Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
MB89660 Series
30
Inquiry: Kyocera Corporation
• AVX Corporation
North American Sales Headquarters: TEL 1-803-448-9411
• AVX Limited
European Sales Headquarters: TEL 44-1252-770000
• AVX/Kyocera H.K. Ltd.
Asian Sales Headquarters: TEL 852-363-3303
Murata Mfg. Co., Ltd.
• Murata Electronics North America, Inc.: TEL 1-404-436-1300
• Murata Europe Management GmbH: TEL 49-911-66870
• Murata Electronics Singapore (Pte.) Ltd.: TEL 65-758-4233
Resonator manufacturer*
Resonator
Frequency
C1 (pF)
C2 (pF)
R (k
Ω)
Kyocera Corporation
KBR-7.68MWS
7.68 MHz
33
33
—
KBR-8.0MWS
8.0 MHz
33
33
—
Murata Mfg. Co., Ltd.
CSA8.00MTZ
8.0 MHz
30
30
—
X0
X1
C1
C2
*
Sample Application of Ceramic Resonator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com